Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1829-E/ST Datasheet(PDF) 128 Page - Microchip Technology

Part # PIC16F1829-E/ST
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST Datasheet(HTML) 128 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 124Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 125Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 126Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 127Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 128Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 129Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 130Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 131Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 420 page
background image
PIC16F/LF1825/1829
DS41440A-page 128
Preliminary
 2010 Microchip Technology Inc.
12.2.2
PORTA FUNCTIONS AND OUTPUT
PRIORITIES
Each PORTA pin is multiplexed with other functions. The
pins, their combined functions and their output priorities
are briefly described here. For additional information,
refer to the appropriate section in this data sheet.
When multiple outputs are enabled, the actual pin
control goes to the peripheral with the lowest number in
the following lists.
Analog input functions, such as ADC, comparator and
Cap Sense inputs, are not shown in the priority lists.
These inputs are active when the I/O pin is set for
Analog mode using the ANSELx registers. Digital
output functions may control the pin when it is in Analog
mode with the priority shown below.
RA0
1.
ICSPDAT
2.
ICDDAT
3.
DACOUT (DAC)
RA1
1.
ICSPCLK
2.
ICDCLK
3.
RX/DT (EUSART)
RA2
1.
SRQ
2.
C1OUT (Comparator)
3.
CCP3
RA3
No output priorities. Input only pin.
RA4
1.
CLKOUT
2.
T1OSO
3.
CLKR
4.
SDO
5.
P2B
RA5
1.
SDO2 (MSSP) (PIC16F/LF1829 only)
2.
CCP2/P2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com