Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1829-E/ST Datasheet(PDF) 167 Page - Microchip Technology

Part # PIC16F1829-E/ST
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST Datasheet(HTML) 167 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 163Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 164Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 165Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 166Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 167Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 168Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 169Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 170Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41440A-page 167
PIC16F/LF1825/1829
17.4
Low-Power Voltage State
In order for the DAC module to consume the least
amount of power, one of the two voltage reference input
sources to the resistor ladder must be disconnected.
Either the positive voltage source, (VSRC+), or the
negative voltage source, (VSRC-) can be disabled.
The negative voltage source is disabled by setting the
DACLPS bit in the DACCON0 register. Clearing the
DACLPS bit in the DACCON0 register disables the
positive voltage source.
17.4.1
OUTPUT CLAMPED TO POSITIVE
VOLTAGE SOURCE
The DAC output voltage can be set to VSRC+ with the
least amount of power consumption by performing the
following:
• Clearing the DACEN bit in the DACCON0 register.
• Setting the DACLPS bit in the DACCON0 register.
• Configuring the DACPSS bits to the proper
positive source.
• Configuring the DACR<4:0> bits to ‘11111’ in the
DACCON1 register.
This is also the method used to output the voltage level
from the FVR to an output pin. See Section 17.5
“Operation During Sleep” for more information.
Reference Figure 17-3 for output clamping examples.
17.4.2
OUTPUT CLAMPED TO NEGATIVE
VOLTAGE SOURCE
The DAC output voltage can be set to VSRC- with the
least amount of power consumption by performing the
following:
• Clearing the DACEN bit in the DACCON0 register.
• Clearing the DACLPS bit in the DACCON0 register.
• Configuring the DACNSS bits to the proper
negative source.
• Configuring the DACR<4:0> bits to ‘00000’ in the
DACCON1 register.
This allows the comparator to detect a zero-crossing
while not consuming additional current through the DAC
module.
Reference Figure 17-3 for output clamping examples.
FIGURE 17-3:
OUTPUT VOLTAGE CLAMPING EXAMPLES
17.5
Operation During Sleep
When the device wakes up from Sleep through an
interrupt or a Watchdog Timer time-out, the contents of
the DACCON0 register are not affected. To minimize
current consumption in Sleep mode, the voltage
reference should be disabled.
17.6
Effects of a Reset
A device Reset affects the following:
• DAC is disabled.
• DAC output voltage is removed from the
DACOUT pin.
• The DACR<4:0> range select bits are cleared.
R
R
R
DAC Voltage Ladder
(see Figure 17-1)
VSRC+
DACEN = 0
DACLPS = 1
DACR<4:0> = 11111
VSRC-
R
R
R
DAC Voltage Ladder
(see Figure 17-1)
VSRC+
DACEN = 0
DACLPS = 0
DACR<4:0> = 00000
VSRC-
Output Clamped to Positive Voltage Source
Output Clamped to Negative Voltage Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com