Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25LF080A Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc

Part # SST25LF080A
Description  8 Mbit SPI Serial Flash
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25LF080A Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc

  SST25LF080A Datasheet HTML 1Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
EOL Product Data Sheet
8 Mbit SPI Serial Flash
SST25LF080A
3
©2006 Silicon Storage Technology, Inc.
S71248-06-EOL
1/06
PIN DESCRIPTION
FIGURE 1: PIN ASSIGNMENTS FOR 8-LEAD SOIC
TABLE
1: PIN DESCRIPTION
Symbol
Pin Name
Functions
SCK
Serial Clock
To provide the timing of the serial interface.
Commands, addresses, or input data are latched on the rising edge of the clock input, while output
data is shifted out on the falling edge of the clock input.
SI
Serial Data
Input
To transfer commands, addresses, or data serially into the device.
Inputs are latched on the rising edge of the serial clock.
SO
Serial Data
Output
To transfer data serially out of the device.
Data is shifted out on the falling edge of the serial clock.
CE#
Chip Enable
The device is enabled by a high to low transition on CE#. CE# must remain low for the duration of
any command sequence.
WP#
Write Protect
The Write Protect (WP#) pin is used to enable/disable BPL bit in the status register.
HOLD#
Hold
To temporarily stop serial communication with SPI flash memory without resetting the device.
VDD
Power Supply
To provide power supply voltage: 3.0-3.6V for SST25LF080A
VSS
Ground
T1.0 1248
1
2
3
4
8
7
6
5
CE#
SO
WP#
VSS
VDD
HOLD#
SCK
SI
Top View
1248 08-soic P1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com