Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25LF080A Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST25LF080A
Description  8 Mbit SPI Serial Flash
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25LF080A Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST25LF080A Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
EOL Product Data Sheet
8 Mbit SPI Serial Flash
SST25LF080A
11
©2006 Silicon Storage Technology, Inc.
S71248-06-EOL
1/06
Byte-Program
The Byte-Program instruction programs the bits in the
selected byte to the desired data. The selected byte must
be in the erased state (FFH) when initiating a Program
operation. A Byte-Program instruction applied to a pro-
tected memory area will be ignored.
Prior to any Write operation, the Write-Enable (WREN)
instruction must be executed. CE# must remain active low
for the duration of the Byte-Program instruction. The Byte-
Program instruction is initiated by executing an 8-bit com-
mand, 02H, followed by address bits [A23-A0]. Following the
address, the data is input in order from MSB (bit 7) to LSB
(bit 0). CE# must be driven high before the instruction is
executed. The user may poll the Busy bit in the software
status register or wait TBP for the completion of the internal
self-timed Byte-Program operation. See Figure 6 for the
Byte-Program sequence.
FIGURE 6: BYTE-PROGRAM SEQUENCE
1248 F06.0
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
DIN
02
HIGH IMPEDANCE
15 16
23 24
31 32
39
MODE 0
MODE 3
MSB
MSB
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com