Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25LF080A Datasheet(PDF) 5 Page - Silicon Storage Technology, Inc

Part # SST25LF080A
Description  8 Mbit SPI Serial Flash
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25LF080A Datasheet(HTML) 5 Page - Silicon Storage Technology, Inc

  SST25LF080A Datasheet HTML 1Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25LF080A Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
EOL Product Data Sheet
8 Mbit SPI Serial Flash
SST25LF080A
5
©2006 Silicon Storage Technology, Inc.
S71248-06-EOL
1/06
Hold Operation
HOLD# pin is used to pause a serial sequence underway
with the SPI flash memory without resetting the clocking
sequence. To activate the HOLD# mode, CE# must be in
active low state. The HOLD# mode begins when the SCK
active low state coincides with the falling edge of the
HOLD# signal. The HOLD mode ends when the HOLD#
signal’s rising edge coincides with the SCK active low state.
If the falling edge of the HOLD# signal does not coincide
with the SCK active low state, then the device enters Hold
mode when the SCK next reaches the active low state.
Similarly, if the rising edge of the HOLD# signal does not
coincide with the SCK active low state, then the device
exits in Hold mode when the SCK next reaches the active
low state. See Figure 3 for Hold Condition waveform.
Once the device enters Hold mode, SO will be in high-
impedance state while SI and SCK can be VIL or VIH.
If CE# is driven active high during a Hold condition, it resets
the internal logic of the device. As long as HOLD# signal is
low, the memory remains in the Hold condition. To resume
communication with the device, HOLD# must be driven
active high, and CE# must be driven active low. See Figure
18 for Hold timing.
FIGURE 3: HOLD CONDITION WAVEFORM
Write Protection
SST25LF080A provides software Write protection. The
Write Protect pin (WP#) enables or disables the lock-down
function of the status register. The Block-Protection bits
(BP1, BP0, and BPL) in the status register provide Write
protection to the memory array and the status register. See
Table 5 for Block-Protection description.
Write Protect Pin (WP#)
The Write Protect (WP#) pin enables the lock-down func-
tion of the BPL bit (bit 7) in the status register. When WP#
is driven low, the execution of the Write-Status-Register
(WRSR) instruction is determined by the value of the BPL
bit (see Table 3). When WP# is high, the lock-down func-
tion of the BPL bit is disabled.
Active
Hold
Active
Hold
Active
1248 F03.0
SCK
HOLD#
TABLE
3: CONDITIONS TO EXECUTE WRITE-STATUS-
REGISTER (WRSR) INSTRUCTION
WP#
BPL
Execute WRSR Instruction
L
1
Not Allowed
L0
Allowed
HX
Allowed
T3.0 1248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com