Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-E/SP Datasheet(PDF) 216 Page - Microchip Technology

Part # PIC18LF4331-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/SP Datasheet(HTML) 216 Page - Microchip Technology

Back Button PIC18LF4331-E/SP Datasheet HTML 212Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 213Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 214Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 215Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 216Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 217Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 218Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 219Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 220Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 216
 2010 Microchip Technology Inc.
19.3.2
MASTER MODE
Master mode of operation is supported in firmware
using interrupt generation on the detection of the Start
and Stop conditions. The Stop (P) and Start (S) bits are
cleared from a Reset or when the SSP module is
disabled. The Stop (P) and Start (S) bits will toggle
based on the Start and Stop conditions. Control of the
I2C bus may be taken when the P bit is set, or the bus
is Idle and both the S and P bits are clear.
In Master mode, the SCL and SDA lines are manipu-
lated by clearing the corresponding TRISC<5:4> or
TRISD<3:2> bits. The output level is always low,
regardless of the value(s) in PORTC<5:4> or
PORTD<3:2>. So when transmitting data, a ‘1’ data bit
must have the TRISC<4> bit set (input) and a ‘0’ data
bit must have the TRISC<4> bit cleared (output). The
same scenario is true for the SCL line with the
TRISC<4> or TRISD<2> bit. Pull-up resistors must be
provided externally to the SCL and SDA pins for proper
operation of the I2C module.
The following events will cause the SSP Interrupt Flag
bit, SSPIF, to be set (SSP interrupt will occur if
enabled):
• Start condition
• Stop condition
• Data transfer byte transmitted/received
Master mode of operation can be done with either the
Slave mode Idle (SSPM<3:0> = 1011) or with the
Slave active. When both Master and Slave modes are
enabled, the software needs to differentiate the
source(s) of the interrupt.
19.3.3
MULTI-MASTER MODE
In Multi-Master mode, the interrupt generation on the
detection of the Start and Stop conditions allows the
determination of when the bus is free. The Stop (P) and
Start (S) bits are cleared from a Reset or when the SSP
module is disabled. The Stop (P) and Start (S) bits will
toggle based on the Start and Stop conditions. Control
of the I2C bus may be taken when bit P (SSPSTAT<4>)
is set, or the bus is Idle and both the S and P bits clear.
When the bus is busy, enabling the SSP interrupt will
generate the interrupt when the Stop condition occurs.
In Multi-Master mode, the SDA line must be monitored
to see if the signal level is the expected output level.
This check only needs to be done when a high level is
output. If a high level is expected and a low level is
present, the device needs to release the SDA and SCL
lines (set TRISC<5:4> or TRISD<3:2>). There are two
stages where this arbitration can be lost, these are:
• Address Transfer
• Data Transfer
When the slave logic is enabled, the slave continues to
receive. If arbitration was lost during the address
transfer stage, communication to the device may be in
progress. If addressed, an ACK pulse will be gener-
ated. If arbitration was lost during the data transfer
stage, the device will need to retransfer the data at a
later time.
TABLE 19-3:
REGISTERS ASSOCIATED WITH I2C™ OPERATION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset Values
on Page:
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
54
PIR1
—
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
57
PIE1
—
ADIE
RCIE
TXIE
SSPIE
CCP1IE TMR2IE TMR1IE
57
SSPBUF
SSP Receive Buffer/Transmit Register
55
SSPADD
SSP Address Register (I2C mode)
55
SSPCON
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
55
SSPSTAT
SMP(1)
CKE(1)
D/A
PS
R/W
UA
BF
55
TRISC(2)
PORTC Data Direction Register
57
TRISD(2)
PORTD Data Direction Register
57
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used by the SSP module in I2C mode.
Note 1:
Maintain these bits clear in I2C mode.
2:
Depending upon the setting of SSPMX in CONFIG3H, these pins are multiplexed to PORTC or PORTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com