Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-E/SP Datasheet(PDF) 50 Page - Microchip Technology

Part # PIC18LF4331-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/SP Datasheet(HTML) 50 Page - Microchip Technology

Back Button PIC18LF4331-E/SP Datasheet HTML 46Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 47Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 48Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 49Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 50Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 51Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 52Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 53Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 50
 2010 Microchip Technology Inc.
5.5
Device Reset Timers
PIC18F2331/2431/4331/4431
devices
incorporate
three separate on-chip timers that help regulate the
Power-on Reset process. Their main function is to
ensure that the device clock is stable before code is
executed. These timers are:
• Power-up Timer (PWRT)
• Oscillator Start-up Timer (OST)
• PLL Lock Time-out
5.5.1
POWER-UP TIMER (PWRT)
The Power-up Timer (PWRT) of PIC18F2331/2431/
4331/4431 devices is an 11-bit counter that uses the
INTRC source as the clock input. This yields an
approximate time interval of 2,048 x 32
s = 65.6 ms.
While the PWRT is counting, the device is held in
Reset. The power-up time delay depends on the
INTRC clock and will vary from chip to chip due to tem-
perature and process variation. See DC Parameter 33
for details.
The PWRT is enabled by clearing the PWRTEN
Configuration bit.
5.5.2
OSCILLATOR START-UP TIMER
(OST)
The Oscillator Start-up Timer (OST) provides a
1,024 oscillator cycle (from OSC1 input) delay after the
PWRT delay is over (Parameter 33). This ensures that
the crystal oscillator or resonator has started and
stabilized.
The OST time-out is invoked only for XT, LP, HS and
HSPLL modes, and on Power-on Reset or on exit from
most power-managed modes.
5.5.3
PLL LOCK TIME-OUT
With the PLL enabled in its PLL mode, the time-out
sequence following a Power-on Reset is slightly differ-
ent from other oscillator modes. A separate timer is
used to provide a fixed time-out that is sufficient for the
PLL to lock to the main oscillator frequency. This PLL
Lock Time-out (TPLL) is typically 2 ms and follows the
oscillator start-up time-out.
5.5.4
TIME-OUT SEQUENCE
On power-up, the time-out sequence is as follows:
1.
After the POR pulse has cleared, the PWRT time-out
is invoked (if enabled).
2.
Then, the OST is activated.
The total time-out will vary based on oscillator configu-
ration and the status of the PWRT. Figure 5-3 through
Figure 5-7 depict time-out sequences on power-up,
with the Power-up Timer enabled and the device oper-
ating in HS Oscillator mode. Figure 5-3 through
Figure 5-6 also apply to devices operating in XT or LP
modes.
For devices in RC mode, and with the PWRT disabled,
there will be no time-out at all. Since the time-outs
occur from the POR pulse, if MCLR is kept low long
enough, all time-outs will expire. Bringing MCLR high
will begin execution immediately (Figure 5-5). This is
useful for testing purposes or synchronization of more
than one PIC18FXXXX device operating in parallel.
TABLE 5-1:
TIME-OUT IN VARIOUS SITUATIONS
Oscillator
Configuration
Power-up(2) and Brown-out
Exit From
Power-Managed Mode
PWRTEN = 0
PWRTEN = 1
HSPLL
66 ms(1) + 1024 TOSC + 2 ms(2)
1024 TOSC + 2 ms(2)
1024 TOSC + 2 ms(2)
HS, XT, LP
66 ms(1) + 1024 TOSC
1024 TOSC
1024 TOSC
EC, ECIO
66 ms(1)
——
RC, RCIO
66 ms(1)
——
INTIO1, INTIO2
66 ms(1)
——
Note 1:
66 ms (65.5 ms) is the nominal Power-up Timer (PWRT) delay.
2:
2 ms is the nominal time required for the 4x PLL to lock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com