Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-E/SP Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC18LF4331-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/SP Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC18LF4331-E/SP Datasheet HTML 52Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 53Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 54Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 55Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 56Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 57Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 58Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 59Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 56
 2010 Microchip Technology Inc.
ADRESH
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADRESL
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
2331 2431 4331 4431
--00 0000
--00 0000
--uu uuuu
ADCON1
2331 2431 4331 4431
00-0 0000
00-0 0000
uu-u uuuu
ADCON2
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
ADCON3
2331 2431 4331 4431
00-0 0000
00-0 0000
uu-u uuuu
ADCHS
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
CCPR1H
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1L
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
2331 2431 4331 4431
--00 0000
--00 0000
--uu uuuu
CCPR2H
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR2L
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP2CON
2331 2431 4331 4431
--00 0000
--00 0000
--uu uuuu
ANSEL1
2331 2431 4331 4431
---- ---1
---- ---1
---- ---u
ANSEL0
2331 2431 4331 4431
1111 1111
1111 1111
uuuu uuuu
T5CON
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
QEICON
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
SPBRGH
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
SPBRG
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
RCREG
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
TXREG
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
TXSTA
2331 2431 4331 4431
0000 -010
0000 -010
uuuu -uuu
RCSTA
2331 2431 4331 4431
0000 000x
0000 000x
uuuu uuuu
BAUDCON
2331 2431 4331 4431
-1-1 0-00
-1-1 0-00
-u-u u-uu
EEADR
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
EEDATA
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
EECON2
2331 2431 4331 4431
0000 0000
0000 0000
0000 0000
EECON1
2331 2431 4331 4431
xx-0 x000
uu-0 u000
uu-0 u000
IPR3
2331 2431 4331 4431
---1 1111
---1 1111
---u uuuu
PIE3
2331 2431 4331 4431
---0 0000
---0 0000
---u uuuu
PIR3
2331 2431 4331 4431
---0 0000
---0 0000
---u uuuu
TABLE 5-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u
= unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the
interrupt vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 5-2 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.
6:
Bit 3 of PORTE and LATE are enabled if MCLR functionality is disabled. When not enabled as the PORTE
pin, they are disabled and read as ‘0’. The 28-pin devices do not have only RE3 implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com