Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-E/SP Datasheet(PDF) 54 Page - Microchip Technology

Part # PIC18LF4331-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/SP Datasheet(HTML) 54 Page - Microchip Technology

Back Button PIC18LF4331-E/SP Datasheet HTML 50Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 51Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 52Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 53Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 54Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 55Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 56Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 57Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 54
 2010 Microchip Technology Inc.
TABLE 5-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
TOSU
2331 2431 4331 4431
---0 0000
---0 0000
---0 uuuu(3)
TOSH
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu(3)
TOSL
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu(3)
STKPTR
2331 2431 4331 4431
00-0 0000
uu-0 0000
uu-u uuuu(3)
PCLATU
2331 2431 4331 4431
---0 0000
---0 0000
---u uuuu
PCLATH
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
PCL
2331 2431 4331 4431
0000 0000
0000 0000
PC + 2(2)
TBLPTRU
2331 2431 4331 4431
--00 0000
--00 0000
--uu uuuu
TBLPTRH
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
TBLPTRL
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
TABLAT
2331 2431 4331 4431
0000 0000
0000 0000
uuuu uuuu
PRODH
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
PRODL
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
INTCON
2331 2431 4331 4431
0000 000x
0000 000u
uuuu uuuu(1)
INTCON2
2331 2431 4331 4431
1111 -1-1
1111 -1-1
uuuu -u-u(1)
INTCON3
2331 2431 4331 4431
11-0 0-00
11-0 0-00
uu-u u-uu(1)
INDF0
2331 2431 4331 4431
N/A
N/A
N/A
POSTINC0
2331 2431 4331 4431
N/A
N/A
N/A
POSTDEC0
2331 2431 4331 4431
N/A
N/A
N/A
PREINC0
2331 2431 4331 4431
N/A
N/A
N/A
PLUSW0
2331 2431 4331 4431
N/A
N/A
N/A
FSR0H
2331 2431 4331 4431
---- xxxx
---- uuuu
---- uuuu
FSR0L
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
WREG
2331 2431 4331 4431
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF1
2331 2431 4331 4431
N/A
N/A
N/A
POSTINC1
2331 2431 4331 4431
N/A
N/A
N/A
POSTDEC1
2331 2431 4331 4431
N/A
N/A
N/A
PREINC1
2331 2431 4331 4431
N/A
N/A
N/A
PLUSW1
2331 2431 4331 4431
N/A
N/A
N/A
Legend: u
= unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the
interrupt vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 5-2 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.
6:
Bit 3 of PORTE and LATE are enabled if MCLR functionality is disabled. When not enabled as the PORTE
pin, they are disabled and read as ‘0’. The 28-pin devices do not have only RE3 implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com