Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-E/SP Datasheet(PDF) 225 Page - Microchip Technology

Part # PIC18LF4331-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/SP Datasheet(HTML) 225 Page - Microchip Technology

Back Button PIC18LF4331-E/SP Datasheet HTML 221Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 222Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 223Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 224Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 225Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 226Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 227Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 228Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 229Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 225
PIC18F2331/2431/4331/4431
20.2.3
AUTO-BAUD RATE DETECT
The Enhanced USART module supports the automatic
detection and calibration of baud rate. This feature is
active only in Asynchronous mode and while the WUE
bit is clear.
The automatic baud rate measurement sequence
(Figure 20-1) begins whenever a Start bit is received and
the ABDEN bit is set. The calculation is self-averaging.
In the Auto-Baud Rate Detect (ABD) mode, the clock to
the BRG is reversed. Rather than the BRG clocking the
incoming RX signal, the RX signal is timing the BRG. In
ABD mode, the internal Baud Rate Generator is used
as a counter to time the bit period of the incoming serial
byte stream.
Once the ABDEN bit is set, the state machine will clear
the BRG and look for a Start bit. The Auto-Baud Detect
must receive a byte with the value of 55h (ASCII “U”,
which is also the LIN/J2602 bus Sync character) in
order to calculate the proper bit rate. The measurement
takes over both a low and a high bit time in order to
minimize any effects caused by asymmetry of the
incoming signal. After a Start bit, the SPBRG begins
counting up, using the preselected clock source on the
first rising edge of RX. After eight bits on the RX pin, or
the fifth rising edge, an accumulated value totalling the
proper BRG period is left in the SPBRGH:SPBRG
registers. Once the 5th edge is seen (should
correspond to the Stop bit), the ABDEN bit is
automatically cleared.
While calibrating the baud rate period, the BRG regis-
ters are clocked at 1/8th the preconfigured clock rate.
The BRG clock can be configured by the BRG16 and
BRGH bits. The BRG16 bit must be set to use both
SPBRG and SPBRGH as a 16-bit counter.
This allows the user to verify that no carry occurred for 8-
bit modes by checking for 00h in the SPBRGH register.
Refer to Table 20-4 for counter clock rates to the BRG.
While the ABD sequence takes place, the EUSART
state machine is held in Idle. The RCIF interrupt is set
once the fifth rising edge on RX is detected. The value
in the RCREG needs to be read to clear the RCIF
interrupt. RCREG content should be discarded.
TABLE 20-4:
BRG COUNTER CLOCK
RATES
FIGURE 20-1:
AUTOMATIC BAUD RATE CALCULATION(1)
Note 1:
If the WUE bit is set with the ABDEN bit,
Auto-Baud Rate Detection will occur on
the byte following the Break character
(see Section 20.3.4 “Auto-Wake-up on
Sync Break Character”
).
2:
It is up to the user to determine that the
incoming character baud rate is within the
range of the selected BRG clock source.
Some combinations of oscillator frequency
and EUSART baud rates are not possible
due to bit error rates. Overall system timing
and communication baud rates must be
taken into consideration when using the
Auto-Baud Rate Detection feature.
3:
To maximize baud rate range, setting
the BRG16 bit is recommended if the
auto-baud feature is used.
BRG16
BRGH
BRG Counter Clock
00
FOSC/512
01
FOSC/256
10
FOSC/128
11
FOSC/32
BRG Value
RX Pin
ABDEN bit
RCIF bit
Bit 0
Bit 1
(Interrupt)
Read
RCREG
BRG Clock
Start
Auto-Cleared
Set by user
XXXXh
0000h
Edge #1
Bit 2
Bit 3
Edge #2
Bit 4
Bit 5
Edge #3
Bit 6
Bit 7
Edge #4
001Ch
Note 1:
The ABD sequence requires the EUSART module to be configured in Asynchronous mode and WUE = 0.
SPBRG
XXXXh
1Ch
SPBRGH
XXXXh
00h
Edge #5
Stop Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com