Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-E/SP Datasheet(PDF) 264 Page - Microchip Technology

Part # PIC18LF4331-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/SP Datasheet(HTML) 264 Page - Microchip Technology

Back Button PIC18LF4331-E/SP Datasheet HTML 260Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 261Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 262Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 263Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 264Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 265Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 266Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 267Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 268Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 264
 2010 Microchip Technology Inc.
TABLE 23-1:
CONFIGURATION BITS AND DEVICE IDs
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default/
Unprogrammed
Value
300000h CONFIG1L
—
—
—
—
—
—
—
—
---- ----
300001h CONFIG1H
IESO
FCMEN
—
—
FOSC3
FOSC2
FOSC1
FOSC0
11-- 1111
300002h CONFIG2L
—
—
—
—
BORV1
BORV0
BOREN PWRTEN
---- 1111
300003h CONFIG2H
—
—WINEN
WDTPS3
WDTPS2
WDTPS1 WDTPS0 WDTEN
--11 1111
300004h CONFIG3L
—
—T1OSCMX
HPOL
LPOL
PWMPIN
—
—
--11 11--
300005h CONFIG3H MCLRE(1)
—
—EXCLKMX(1) PWM4MX(1) SSPMX(1)
—FLTAMX(1)
1--1 11-1
300006h CONFIG4L
DEBUG
—
—
—
—LVP
—STVREN
1--- -1-1
300007h CONFIG4H
—
—
—
—
—
—
—
—
---- ----
300008h CONFIG5L
—
—
—
—CP3(1)
CP2(1)
CP1
CP0
---- 1111
300009h CONFIG5H
CPD
CPB
—
—
—
—
—
—
11-- ----
30000Ah CONFIG6L
—
—
—
—WRT3(1)
WRT2(1)
WRT1
WRT0
---- 1111
30000Bh CONFIG6H
WRTD
WRTB
WRTC
—
—
—
—
—
111- ----
30000Ch CONFIG7L
—
—
—
—
EBTR3(1)
EBTR2(1) EBTR1
EBTR0
---- 1111
30000Dh CONFIG7H
—EBTRB
—
—
—
—
—
—
-1-- ----
3FFFFEh DEVID1(2)
DEV2
DEV1
DEV0
REV4
REV3
REV2
REV1
REV0
xxxx xxxx
(2)
3FFFFFh DEVID2(2)
DEV10
DEV9
DEV8
DEV7
DEV6
DEV5
DEV4
DEV3
0000 0101
Legend:
x
= unknown, u = unchanged, - = unimplemented. Shaded cells are unimplemented, read as ‘0’.
Note
1:
Unimplemented in PIC18F2331/4331 devices; maintain this bit set.
2:
See Register 23-13 for DEVID1 values. DEVID registers are read-only and cannot be programmed by the user.
REGISTER 23-1:
CONFIG1H: CONFIGURATION REGISTER 1 HIGH (BYTE ADDRESS 300001h)
R/P-1
R/P-1
U-0
U-0
R/P-1
R/P-1
R/P-1
R/P-1
IESO
FCMEN
—
—
FOSC3
FOSC2
FOSC1
FOSC0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
U = Unchanged from programmed state
bit 7
IESO:
Internal External Switchover bit
1
= Internal External Switchover mode enabled
0
= Internal External Switchover mode disabled
bit 6
FCMEN:
Fail-Safe Clock Monitor Enable bit
1
= Fail-Safe Clock Monitor enabled
0
= Fail-Safe Clock Monitor disabled
bit 5-4
Unimplemented:
Read as ‘0’
bit 3-0
FOSC<3:0>:
Oscillator Selection bits
11xx
= External RC oscillator, CLKO function on RA6
1001
= Internal oscillator block, CLKO function on RA6 and port function on RA7 (INTIO1)
1000
= Internal oscillator block, port function on RA6 and port function on RA7 (INTIO2)
0111
= External RC oscillator, port function on RA6
0110
= HS oscillator, PLL enabled (clock frequency = 4 x FOSC1)
0101
= EC oscillator, port function on RA6 (ECIO)
0100
= EC oscillator, CLKO function on RA6 (EC)
0010
= HS oscillator
0001
= XT oscillator
0000
= LP oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com