Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-E/SP Datasheet(PDF) 338 Page - Microchip Technology

Part # PIC18LF4331-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/SP Datasheet(HTML) 338 Page - Microchip Technology

Back Button PIC18LF4331-E/SP Datasheet HTML 334Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 335Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 336Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 337Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 338Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 339Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 340Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 341Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 342Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 338
 2010 Microchip Technology Inc.
Module Differential Currents (
IWDT, IBOR, ILVD, IOSCB, IAD)
D022
(
IWDT)
Watchdog Timer
1.5
4.0
A
-40°C
2.2
4.0
A+25°C
VDD = 2.0V
3.1
5.0
A+85°C
2.5
6.0
A
-40°C
3.3
6.0
A+25°C
VDD = 3.0V
4.7
7.0
A+85°C
3.7
10.0
A
-40°C
VDD = 5.0V
4.5
10.0
A+25°C
6.1
13.0
A+85°C
22
44
A
+125°C
D022A
(
IBOR)
Brown-out Reset
19
35.0
A-40C to +85CVDD = 3.0V
24
45.0
A-40C to +85C
VDD = 5.0V
40
75
A
+125°C
D022B
(
ILVD)
Low-Voltage Detect
8.5
25.0
A-40C to +85CVDD = 2.0V
16
35.0
A-40C to +85CVDD = 3.0V
20
45.0
A-40C to +85C
VDD = 5.0V
35
66
A
+125°C
D025
(
IOSCB)
Timer1 Oscillator
1.7
3.5
A-40C
1.8
3.5
A+25°C
VDD = 2.0V
32 kHz on Timer1(4)
2.1
4.5
A+85°C
2.2
4.5
A-40C
2.6
4.5
A+25°C
VDD = 3.0V
32 kHz on Timer1(4)
2.8
5.5
A+85°C
3.0
6.0
A-40C
VDD = 5.0V
32 kHz on Timer1(4)
3.3
6.0
A+25°C
3.6
7.0
A+85°C
42
70
A
+125°C
D026
(
IAD)
A/D Converter
1.0
3.0
A-40C to +85CVDD = 2.0V
A/D on, not converting
1.0
4.0
A-40C to +85CVDD = 3.0V
2.0
10.0
A-40C to +85C
VDD = 5.0V
150
950
A
+125°C
26.2
DC Characteristics: Power-Down and Supply Current
PIC18F2331/2431/4331/4431 (Industrial, Extended)
PIC18LF2331/2431/4331/4431 (Industrial) (Continued)
PIC18LF2331/2431/4331/4431
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
PIC18F2331/2431/4331/4431
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Device
Typ
Max
Units
Conditions
Legend:
Shading of rows is to assist in readability of the table.
Note
1:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with
the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD or VSS, and all features that add delta
current disabled (such as WDT, Timer1 Oscillator, BOR, etc.).
2:
The supply current is mainly a function of operating voltage, frequency and mode. Other factors, such as I/O pin loading
and switching rate, oscillator type and circuit, internal code execution pattern and temperature, also have an impact on
the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD;
MCLR = VDD; WDT enabled/disabled as specified.
3:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can be estimated
by the formula: Ir = VDD/2REXT (mA) with REXT in k
.
4:
Standard, low-cost 32 kHz crystals have an operating temperature range of -10°C to +70°C. Extended temperature
crystals are available at a much higher cost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com