Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-E/SP Datasheet(PDF) 107 Page - Microchip Technology

Part # PIC18LF4331-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/SP Datasheet(HTML) 107 Page - Microchip Technology

Back Button PIC18LF4331-E/SP Datasheet HTML 103Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 104Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 105Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 106Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 107Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 108Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 109Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 110Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 107
PIC18F2331/2431/4331/4431
REGISTER 10-9:
PIE3: PERIPHERAL INTERRUPT ENABLE REGISTER 3
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
PTIE
IC3DRIE
IC2QEIE
IC1IE
TMR5IE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Unimplemented:
Read as ‘0’
bit 4
PTIE:
PWM Time Base Interrupt Enable bit
1
= PTIF enabled
0
= PTIF disabled
bit 3
IC3DRIE:
IC3 Interrupt Enable/Direction Change Interrupt Enable bit
IC3 Enabled (CAP3CON<3:0>):
1
= IC3 interrupt enabled
0
= IC3 interrupt disabled
QEI Enabled (QEIM<2:0>):
1
= Change of direction interrupt enabled
0
= Change of direction interrupt disabled
bit 2
IC2QEIE:
IC2 Interrupt Flag/QEI Interrupt Flag Enable bit
IC2 Enabled (CAP2CON<3:0>):
1
= IC2 interrupt enabled)
0
= IC2 interrupt disabled
QEI Enabled (QEIM<2:0>):
1
= QEI interrupt enabled
0
= QEI interrupt disabled
bit 1
IC1IE:
IC1 Interrupt Enable bit
1
= IC1 interrupt enabled
0
= IC1 interrupt disabled
bit 0
TMR5IE:
Timer5 Interrupt Enable bit
1
= Timer5 interrupt enabled
0
= Timer5 interrupt disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com