Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-E/SP Datasheet(PDF) 124 Page - Microchip Technology

Part # PIC18LF4331-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/SP Datasheet(HTML) 124 Page - Microchip Technology

Back Button PIC18LF4331-E/SP Datasheet HTML 120Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 121Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 122Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 123Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 124Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 125Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 126Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 127Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 124
 2010 Microchip Technology Inc.
11.5
PORTE, TRISE and LATE
Registers
PORTE is a 4-bit wide, bidirectional port. Three pins
(RE0/AN6, RE1/AN7 and RE2/AN8) are individually
configurable as inputs or outputs. These pins have
Schmitt Trigger input buffers. When selected as an
analog input, these pins will read as ‘0’s.
The corresponding Data Direction register is TRISE.
Setting a TRISE bit (= 1) will make the corresponding
PORTE pin an input (i.e., put the corresponding output
driver in a high-impedance mode). Clearing a TRISE bit
(= 0) will make the corresponding PORTE pin an output
(i.e., put the contents of the output latch on the selected
pin).
TRISE controls the direction of the RE pins, even when
they are being used as analog inputs. The user must
make sure to keep the pins configured as inputs when
using them as analog inputs.
The Data Latch register (LATE) is also memory
mapped. Read-modify-write operations on the LATE
register read and write the latched output value for
PORTE.
The fourth pin of PORTE (MCLR/VPP/RE3) is an input
only pin available for PIC18F4331/4431 devices. Its
operation is controlled by the MCLRE Configuration bit
in Configuration Register 3H (CONFIG3H<7>). When
selected as a port pin (MCLRE = 0), it functions as a
digital input-only pin. As such, it does not have TRIS or
LAT bits associated with its operation. Otherwise, it
functions as the device’s master clear input. In either
configuration, RE3 also functions as the programming
voltage input during programming.
EXAMPLE 11-5:
INITIALIZING PORTE
11.5.1
PORTE IN 28-PIN DEVICES
For PIC18F2331/2431 devices, PORTE is not available.
It is only available for PIC18F4331/4431 devices.
Note:
PORTE is only available on PIC18F4331/
4431 devices.
Note:
On a Power-on Reset, RE<2:0> are
configured as analog inputs.
Note:
On a Power-on Reset, RE3 is enabled as a
digital input only if Master Clear functionality
is disabled.
CLRF
PORTE
; Initialize PORTE by
; clearing output
; data latches
CLRF
LATE
; Alternate method
; to clear output
; data latches
MOVLW
0x3F
; Configure A/D
MOVWF
ANSEL0
; for digital inputs
BCF
ANSEL1, 0
;
MOVLW
0x03
; Value used to
; initialize data
; direction
MOVWF
TRISE
; Set RE<0> as input
; RE<1> as output
; RE<2> as input
REGISTER 11-1:
TRISE REGISTER
U-0
U-0
U-0
U-0
U-0
R/W-1
R/W-1
R/W-1
—
—
—
—
—
TRISE2
TRISE1
TRISE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-3
Unimplemented:
Read as ‘0’
bit 2
TRISE2
: RE2 Direction Control bit
1
= Input
0
= Output
bit 1
TRISE1
: RE1 Direction Control bit
1
= Input
0
= Output
bit 0
TRISE0
: RE0 Direction Control bit
1
= Input
0
= Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com