Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-E/SP Datasheet(PDF) 133 Page - Microchip Technology

Part # PIC18LF4331-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/SP Datasheet(HTML) 133 Page - Microchip Technology

Back Button PIC18LF4331-E/SP Datasheet HTML 129Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 130Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 131Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 132Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 133Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 134Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 135Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 136Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 133
PIC18F2331/2431/4331/4431
13.2
Timer1 Oscillator
A crystal oscillator circuit is built in-between pins, T1OSI
(input) and T1OSO (amplifier output). It is enabled by
setting control bit, T1OSCEN (T1CON<3>). The oscilla-
tor is a low-power oscillator rated for 32 kHz crystals. It
will continue to run during all power-managed modes.
The circuit for a typical LP oscillator is shown in
Figure 13-3. Table 13-1 shows the capacitor selection
for the Timer1 oscillator.
The user must provide a software time delay to ensure
proper start-up of the Timer1 oscillator.
FIGURE 13-3:
EXTERNAL COMPONENTS
FOR THE TIMER1 LP
OSCILLATOR
TABLE 13-1:
CAPACITOR SELECTION FOR
THE TIMER OSCILLATOR
13.3
Timer1 Oscillator Layout
Considerations
The Timer1 oscillator for PIC18F2331/2431/4331/4431
devices incorporates an additional low-power feature.
When this option is selected, it allows the oscillator to
automatically reduce its power consumption when the
microcontroller is in Sleep mode. During normal device
operation, the oscillator draws full current. As high
noise environments may cause excessive oscillator
instability in Sleep mode, this option is best suited for
low noise applications, where power conservation is an
important design consideration.
The low-power option is enabled by clearing the
T1OSCMX bit (CONFIG3L<5>). By default, the option
is disabled, which results in a more or less constant
current draw for the Timer1 oscillator.
Due to the low-power nature of the oscillator, it may
also be sensitive to rapidly changing signals in close
proximity.
The oscillator circuit, shown in Figure 13-3, should be
located as close as possible to the microcontroller.
There should be no circuits passing within the oscillator
circuit boundaries other than VSS or VDD. Refer to
Section 2.0 “Guidelines for Getting Started with
PIC18F Microcontrollers”
for additional information
Osc Type
Freq
C1
C2
LP
32 kHz
27 pF(1)
27 pF(1)
Note 1:
Microchip suggests this value as a starting
point in validating the oscillator circuit.
2:
Higher capacitance increases the stabil-
ity of the oscillator, but also increases the
start-up time.
3:
Since each resonator/crystal has its own
characteristics, the user should consult
the resonator/crystal manufacturer for
appropriate
values
of
external
components.
4:
Capacitor values are for design guidance
only.
Note:
See the notes with Table 13-1 for additional
information about capacitor selection.
C1
C2
XTAL
PIC18FXXXX
T1OSI
T1OSO
32.768 kHz
27 pF
27 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com