Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-E/SP Datasheet(PDF) 139 Page - Microchip Technology

Part # PIC18LF4331-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/SP Datasheet(HTML) 139 Page - Microchip Technology

Back Button PIC18LF4331-E/SP Datasheet HTML 135Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 136Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 137Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 138Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 139Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 140Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 141Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 142Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 139
PIC18F2331/2431/4331/4431
15.0
TIMER5 MODULE
The Timer5 module implements these features:
• 16-bit timer/counter operation
• Synchronous and Asynchronous Counter modes
• Continuous Count and Single-Shot Operating modes
• Four programmable prescaler values (1:1 to 1:8)
• Interrupt generated on period match
• Special Event Trigger Reset function
• Double-buffered registers
• Operation during Sleep
• CPU wake-up from Sleep
• Selectable hardware Reset input with a wake-up
feature
Timer5 is a general purpose timer/counter that incor-
porates additional features for use with the Motion
Feedback Module (see Section 17.0 “Motion Feed-
back Module”
). It may also be used as a general
purpose timer or a Special Event Trigger delay timer.
When used as a general purpose timer, it can be
configured to generate a delayed Special Event Trigger
(e.g., an ADC Special Event Trigger) using a
preprogrammed period delay.
Timer5 is controlled through the Timer5 Control register
(T5CON), shown in Register 15-1. The timer can be
enabled or disabled by setting or clearing the control bit
TMR5ON (T5CON<0>).
A block diagram of Timer5 is shown in Figure 15-1.
REGISTER 15-1:
T5CON: TIMER5 CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
T5SEN
RESEN(1)
T5MOD
T5PS1
T5PS0
T5SYNC(2)
TMR5CS
TMR5ON
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
T5SEN:
Timer5 Sleep Enable bit
1
= Timer5 is enabled during Sleep
0
= Timer5 is disabled during Sleep
bit 6
RESEN:
Special Event Trigger Reset Enable bit(1)
1
= Special Event Trigger Reset is disabled
0
= Special Event Trigger Reset is enabled
bit 5
T5MOD:
Timer5 Mode bit
1
= Single-Shot mode is enabled
0
= Continuous Count mode is enabled
bit 4-3
T5PS<1:0>:
Timer5 Input Clock Prescale Select bits
11
= 1:8
10
= 1:4
01
= 1:2
00
= 1:1
bit 2
T5SYNC:
Timer5 External Clock Input Synchronization Select bit(2)
When TMR5CS = 1:
1
= Do not synchronize external clock input
0
= Synchronize external clock input
When TMR5CS = 0:
This bit is ignored. Timer5 uses the internal clock when TMR5CS = 0.
bit 1
TMR5CS:
Timer5 Clock Source Select bit
1
= External clock from the T5CKI pin
0
= Internal clock (TCY)
bit 0
TMR5ON:
Timer5 On bit
1
= Timer5 is enabled
0
= Timer5 is disabled
Note 1:
These bits are not implemented on PIC18F2331/2431 devices and read as ‘0’.
2:
For Timer5 to operate during Sleep mode, T5SYNC must be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com