Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-E/SP Datasheet(PDF) 147 Page - Microchip Technology

Part # PIC18LF4331-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/SP Datasheet(HTML) 147 Page - Microchip Technology

Back Button PIC18LF4331-E/SP Datasheet HTML 143Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 144Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 145Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 146Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 147Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 148Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 149Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 150Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 147
PIC18F2331/2431/4331/4431
16.4
Compare Mode
In Compare mode, the 16-bit CCPR1 (CCPR2) register
value is constantly compared against the TMR1
register pair value. When a match occurs, the RC2/
CCP1 (RC1/CCP2) pin:
• is driven high
• is driven low
• toggles output (high-to-low or low-to-high)
• remains unchanged (interrupt only)
The action on the pin is based on the value of control
bits, CCP1M<3:0> (CCP2M<3:0>). At the same time,
interrupt flag bit CCP1IF (CCP2IF) is set.
16.4.1
CCP PIN CONFIGURATION
The user must configure the CCP1 pin as an output by
clearing the appropriate TRISC bit.
16.4.2
TIMER1 MODE SELECTION
Timer1 must be running in Timer mode or Synchro-
nized Counter mode if the CCP module is using the
compare feature. In Asynchronous Counter mode, the
compare operation may not work.
16.4.3
SOFTWARE INTERRUPT MODE
When generate software interrupt is chosen, the CCP1
pin is not affected. Only a CCP interrupt is generated (if
enabled).
16.4.4
SPECIAL EVENT TRIGGER
In this mode, an internal hardware trigger is generated
which may be used to initiate an action.
The Special Event Trigger output of CCP1 resets the
TMR1 register pair. This allows the CCPR1 register to
effectively be a 16-bit programmable period register for
Timer1.
The Special Event Trigger output of CCP2 resets the
TMR1 register pair. Additionally, the CCP2 Special
Event Trigger will start an A/D conversion if the A/D
module is enabled.
FIGURE 16-2:
COMPARE MODE OPERATION BLOCK DIAGRAM
Note:
Clearing the CCPxCON register will force
the RC1 or RC2 compare output latch to
the default low level. This is not the
PORTC I/O data latch.
Note:
The Special Event Trigger from the CCP2
module will not set the Timer1 interrupt
flag bit.
CCPR1H CCPR1L
TMR1H
TMR1L
Comparator
QS
R
Output
Logic
Special Event Trigger
Set Flag CCP1IF bit
Match
RC2/CCP1 Pin
TRISC<2>
CCP1CON<3:0>
Mode Select
Output Enable
Special Event Trigger will:
Reset Timer1, but not set Timer1 interrupt flag bit
and set bit, GO/DONE (ADCON0<1>), which starts an A/D conversion (CCP2 only)
CCPR2H CCPR2L
Comparator
QS
R
Output
Logic
Special Event Trigger
Set Flag CCP2IF bit
Match
RC1/CCP2 Pin
TRISC<1>
CCP2CON<3:0>
Mode Select
Output Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com