Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-E/SP Datasheet(PDF) 167 Page - Microchip Technology

Part # PIC18LF4331-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/SP Datasheet(HTML) 167 Page - Microchip Technology

Back Button PIC18LF4331-E/SP Datasheet HTML 163Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 164Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 165Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 166Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 167Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 168Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 169Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 170Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 167
PIC18F2331/2431/4331/4431
17.2.6
VELOCITY MEASUREMENT
The velocity pulse generator, in conjunction with the
IC1 and the synchronous TMR5 (in synchronous
operation), provides a method for high accuracy speed
measurements at both low and high mechanical motor
speeds. The Velocity mode is enabled when the VELM
bit is cleared (= 0) and QEI is set to one of its operating
modes (see Table 17-6).
To optimize register space, the Input Capture
Channel 1 (IC1) is used to capture TMR5 counter
values. Input Capture Buffer register, CAP1BUF, is
redefined in Velocity Measurement mode, VELM = 0,
as the Velocity Register Buffer (VELRH, VELRL).
TABLE 17-6:
VELOCITY PULSES
17.2.6.1
Velocity Event Timing
The event pulses are reduced by a fixed ratio by the
velocity pulse divider. The divider is useful for
high-speed measurements where the velocity events
happen frequently. By producing a single output pulse
for a given number of input event pulses, the counter
can track larger pulse counts (i.e., distance travelled)
for a given time interval. Time is measured by utilizing
the TMR5 time base.
Each velocity pulse serves as a capture pulse. With the
TMR5 in Synchronous Timer mode, the value of TMR5
is captured on every output pulse of the postscaler. The
counter is subsequently reset to ‘0’. TMR5 is reset
upon a capture event.
Figure 17-13 shows the velocity measurement timing
diagram.
FIGURE 17-12:
VELOCITY MEASUREMENT BLOCK DIAGRAM
QEIM<2:0>
Velocity Event Mode
001
010
x2 Velocity Event mode. The velocity
pulse is generated on every QEA edge.
101
110
x4 Velocity Event mode. The velocity
pulse is generated on every QEA and
QEB active edge.
CAP2/QEA
CAP1/INDX
CAP3/QEB
QEI
Control
Logic
QEB
QEA
INDX
Postscaler
Clock
Direction
Position
Counter
TMR5
IC1
Reset
Logic
16
Velocity Mode
(VELR Register)
TCY
Clock
TMR5 Reset
Velocity Capture
Velocity Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com