Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-E/SP Datasheet(PDF) 192 Page - Microchip Technology

Part # PIC18LF4331-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/SP Datasheet(HTML) 192 Page - Microchip Technology

Back Button PIC18LF4331-E/SP Datasheet HTML 188Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 189Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 190Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 191Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 192Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 193Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 194Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 195Page - Microchip Technology PIC18LF4331-E/SP Datasheet HTML 196Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 192
 2010 Microchip Technology Inc.
18.7.2
DEAD-TIME RANGES
The amount of dead time provided by the dead-time
unit is selected by specifying the input clock prescaler
value and a 6-bit unsigned value defined in the DTCON
register. Four input clock prescaler selections have
been provided to allow a suitable range of dead times
based on the device operating frequency. FOSC/2,
FOSC/4, FOSC/8 and FOSC/16 are the clock prescaler
options available using the DTPS<1:0> control bits in
the DTCON register.
After selecting an appropriate prescaler value, the
dead time is adjusted by loading a 6-bit unsigned value
into DTCON<5:0>. The dead-time unit prescaler is
cleared on any of the following events:
• On a load of the down timer due to a duty cycle
comparison edge event;
• On a write to the DTCON register; or
• On any device Reset.
18.7.3
DECREMENTING THE DEAD-TIME
COUNTER
The dead-time counter is clocked from any of the Q
clocks based on the following conditions.
1.
The dead-time counter is clocked on Q1 when:
• The DTPS bits are set to any of the following
dead-time prescaler settings: FOSC/4,
FOSC/8, FOSC/16
• The PWM Time Base Prescale bits
(PTCKPS) are set to any of the following
prescale ratios: FOSC/16, FOSC/64, FOSC/256
2.
The dead-time counter is clocked by a pair of Q
clocks when the PWM Time Base Prescale bits
are set to 1:1 (PTCKPS<1:0> = 00, FOSC/4) and
the dead-time counter is clocked by the FOSC/2
(DTPS<1:0> = 00).
3.
The dead-time counter is clocked using every
other Q clock, depending on the two LSbs in the
Duty Cycle registers:
• If the PWM duty cycle match occurs on Q1 or
Q3, then the dead-time counter is clocked
using every Q1 and Q3.
• If the PWM duty cycle match occurs on Q2 or
Q4, then the dead-time counter is clocked
using every Q2 and Q4.
4.
When the DTPS<1:0> bits are set to any of the
other dead-time prescaler settings (i.e., FOSC/4,
FOSC/8 or FOSC/16) and the PWM time base
prescaler is set to 1:1, the dead-time counter is
clocked by the Q clock corresponding to the Q
clocks on which the PWM duty cycle match
occurs.
REGISTER 18-5:
DTCON: DEAD-TIME CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
DTPS1
DTPS0
DT5
DT4
DT3
DT2
DT1
DT0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
DTPS<1:0>:
Dead-Time Unit A Prescale Select bits
11
= Clock source for dead-time unit is FOSC/16
10
= Clock source for dead-time unit is FOSC/8
01
= Clock source for dead-time unit is FOSC/4
00
= Clock source for dead-time unit is FOSC/2
bit 5-0
DT<5:0>:
Unsigned 6-Bit Dead-Time Value for Dead-Time Unit bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com