Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1374 Datasheet(PDF) 17 Page - Diodes Incorporated

Part # ZXLD1374
Description  60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1374 Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button ZXLD1374 Datasheet HTML 13Page - Diodes Incorporated ZXLD1374 Datasheet HTML 14Page - Diodes Incorporated ZXLD1374 Datasheet HTML 15Page - Diodes Incorporated ZXLD1374 Datasheet HTML 16Page - Diodes Incorporated ZXLD1374 Datasheet HTML 17Page - Diodes Incorporated ZXLD1374 Datasheet HTML 18Page - Diodes Incorporated ZXLD1374 Datasheet HTML 19Page - Diodes Incorporated ZXLD1374 Datasheet HTML 20Page - Diodes Incorporated ZXLD1374 Datasheet HTML 21Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
ZXLD1374
ZXLD1374
Document number: DS35032 Rev. 1 - 2
Page 17 of 35
www.diodes.com
October 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (Continued)
For example, as in the typical application circuit, in order to get ILED= 350mA with IRS=1.5A the ratio has to be set as:
23
.
0
)
R
(R
R
V
V
I
I
2
GI
1
GI
1
GI
ADJ
GI
RS
LED
≈
+
=
=
Setting RGI1= 33kΩ it results
Ω
=
−
=
k
110
)
1
V
V
(
R
R
GI
ADJ
1
GI
2
GI
This will result in:
Ω
=
+
=
m
150
I
mV
225
)
R
(R
R
R
LED
2
GI
1
GI
1
GI
s
Table 1 shows typical resistor values used to determine GIRATIO with E24 series resistors:
Table 1
GIRATIO
RGI1
RGI2
0.2
30k
Ω
120k
Ω
0.25
33k
Ω
100k
Ω
0.3
39k
Ω
91k
Ω
0.35
30k
Ω
56k
Ω
0.4
100k
Ω
150k
Ω
0.45
51k
Ω
62k
Ω
0.5
30k
Ω
30k
Ω
The values shown have been chosen so that they do not load REF too much or create offset errors due to the GI pin input
current. A ZXLD1374 calculator is available from http://www.diodes.com/destools/calculators.html that will help with
component selection.
INDUCTOR/FREQUENCY SELECTION
Recommended inductor values for the ZXLD1374 are in the range 22 µH to 100 µH.
The chosen coil should have a
saturation current higher than the peak sensed current and a continuous current rating above the required mean sensed
current by at least 50%.
The inductor value should be chosen to maintain operating duty cycle and switch 'on'/'off' times within the recommended
limits over the supply voltage and load current range.
The frequency compensation mechanism inside the chip tends to keep the frequency within the range 300kHz ~ 400kHz in
most of the operating conditions. Nonetheless, the controller allows for higher frequencies when either the number of LEDs
or the input voltage increases.
The graphs below can be used to select a recommended inductor to maintain the ZXLD1374 switching frequency within a
predetermined range when used in different topologies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com