Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1374 Datasheet(PDF) 29 Page - Diodes Incorporated

Part # ZXLD1374
Description  60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1374 Datasheet(HTML) 29 Page - Diodes Incorporated

Back Button ZXLD1374 Datasheet HTML 25Page - Diodes Incorporated ZXLD1374 Datasheet HTML 26Page - Diodes Incorporated ZXLD1374 Datasheet HTML 27Page - Diodes Incorporated ZXLD1374 Datasheet HTML 28Page - Diodes Incorporated ZXLD1374 Datasheet HTML 29Page - Diodes Incorporated ZXLD1374 Datasheet HTML 30Page - Diodes Incorporated ZXLD1374 Datasheet HTML 31Page - Diodes Incorporated ZXLD1374 Datasheet HTML 32Page - Diodes Incorporated ZXLD1374 Datasheet HTML 33Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
ZXLD1374
ZXLD1374
Document number: DS35032 Rev. 1 - 2
Page 29 of 35
www.diodes.com
October 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (Continued)
Over-voltage Protection
The ZXLD1374 is inherently protected against open-circuit load when used in Buck configuration. However care has to be
taken with open-circuit load conditions in Buck-boost or Boost configurations. This is because in these configurations there
is only an over-voltage FLAG but no internal open-circuit protection mechanism for the internal MOSFET. In this case an
Over-Voltage-Protection (OVP) network should be provided to the MOSFET to avoid damage due to open circuit conditions.
This is shown in Figure 37 below, highlighted in the dotted blue box.
Figure 50. OVP Circuit
The zener voltage
is determined according to: Vz = VLEDMAX +10%. The LX pin voltage exceeds Vz then the gate of
MOSFET Q2 will start to turn on causing the PWM pin to be brought low. This will disable to LX output until the voltage on
the LX falls below Vz. If the fault exists for longer than 20ms then the ZXLD1374 will enter into a shutdown state.
Take care of the max voltage drop on the Q2 MOSFET gate.
Alternatively, to perform the OVP function, it can be used the diagnostic section of the ZXLD1374. In particular a
microcontroller can read the FLAG and the status pins, and if they signal an over-voltage, the microcontroller can switch the
device off by pulling the PWM signal low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com