Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1374 Datasheet(PDF) 27 Page - Diodes Incorporated

Part # ZXLD1374
Description  60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1374 Datasheet(HTML) 27 Page - Diodes Incorporated

Back Button ZXLD1374 Datasheet HTML 23Page - Diodes Incorporated ZXLD1374 Datasheet HTML 24Page - Diodes Incorporated ZXLD1374 Datasheet HTML 25Page - Diodes Incorporated ZXLD1374 Datasheet HTML 26Page - Diodes Incorporated ZXLD1374 Datasheet HTML 27Page - Diodes Incorporated ZXLD1374 Datasheet HTML 28Page - Diodes Incorporated ZXLD1374 Datasheet HTML 29Page - Diodes Incorporated ZXLD1374 Datasheet HTML 30Page - Diodes Incorporated ZXLD1374 Datasheet HTML 31Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
ZXLD1374
ZXLD1374
Document number: DS35032 Rev. 1 - 2
Page 27 of 35
www.diodes.com
October 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (Continued)
Over-Temperature Shutdown
The ZXLD1374 incorporates an over-temperature shutdown circuit to protect against damage caused by excessive die
temperature. A warning signal is generated on the STATUS output when die temperature exceeds 125°C nominal and the
output is disabled when die temperature exceeds 150°C nominal. Normal operation resumes when the device cools back
down to 125°C.
FLAG/STATUS Outputs
The FLAG/STATUS outputs provide a warning of extreme operating or fault conditions. FLAG is an open-drain logic output,
which is normally high resistance, but switches low resistance to indicate that a warning, or fault condition exists. STATUS is
a DAC output, which is normally high (4.5V), but switches to a lower voltage to indicate the nature of the warning/fault.
Conditions monitored, the method of detection and the nominal STATUS output voltage are given in the following table:
Table 2
Warning/Fault condition
Severity
(Note 10)
Monitored
parameters
FLAG
Nominal STATUS voltage
Normal operation
H
4.5
Supply under-voltage
1
VAUX<5.6V
L
4.5
2
VIN<5.6V
L
3.6
Output current out of regulation
(Note 11)
2
VSHP outside normal
voltage range
L
3.6
Driver stalled with switch ‘on’, or
‘off’ (Note 12)
2
tON, or tOFF>100µs
L
3.6
Switch over-voltage
3
LX voltage > 60V
L
2.7
Device temperature above
maximum recommended
operating value
4
TJ>125°C
L
1.8
Sense resistor current IRS above
specified maximum
5
VSENSE>0.375V
L
0.9
Average switch current greater
than 1.5A
5
ILX > 1.5A
L
0.9
Notes:
10. Severity 1 denotes lowest severity.
11. This warning will be indicated if the output power demand is higher than the available input power; the loop may not be able
to maintain regulation.
12. This warning will be indicated if the LX pin stays at the same level for greater than 100us (e.g. the internal transistor cannot
pass enough current to reach the upper switching threshold).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com