Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8173FSZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL8173FSZ
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8173FSZ Datasheet(HTML) 3 Page - Intersil Corporation

  EL8173FSZ Datasheet HTML 1Page - Intersil Corporation EL8173FSZ Datasheet HTML 2Page - Intersil Corporation EL8173FSZ Datasheet HTML 3Page - Intersil Corporation EL8173FSZ Datasheet HTML 4Page - Intersil Corporation EL8173FSZ Datasheet HTML 5Page - Intersil Corporation EL8173FSZ Datasheet HTML 6Page - Intersil Corporation EL8173FSZ Datasheet HTML 7Page - Intersil Corporation EL8173FSZ Datasheet HTML 8Page - Intersil Corporation EL8173FSZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN7490.1
March 9, 2006
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage, VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5V
VEN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 0.5V, VS+ + 0.5V
ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3kV
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . . . . . . .Indefinite
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +5V, VS- = GND, VCM = 1/2VS+, TA = 25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Input Offset Voltage
EL8170
100
250
µV
EL8173
400
1000
µV
TCVOS
Input Offset Voltage Temperature
Coefficient
Temperature = -40°C to 85°C
2
µV/°C
IOS
Input Offset Current between IN+, and
IN- and between FB+ and FB-
0.5
2
nA
IB
Input Bias Current (IN+, IN-, FB+, and
FB- terminals)
0.5
2
nA
eN
Input Noise Voltage
EL8170
f = 0.1Hz to 10Hz
2
µVP-P
EL8173
10
µVP-P
Input Noise Voltage Density
EL8170
fo = 1kHz
50
nV/
√Hz
EL8173
200
nV/
√Hz
iN
Input Noise Current Density
fo = 1kHz
0.1
pA/
√Hz
RIN
Input Resistance
EL8170
8
M
Ω
EL8173
14
M
Ω
VIN
Input Voltage Range
Guaranteed by CMRR test
0
5
V
CMRR
Common Mode Rejection Ratio
EL8170
VCM = 0V to +5V
80
108
dB
EL8173
80
104
dB
PSRR
Power Supply Rejection Ratio
EL8170
VS = 2.9V to 5V
80
104
dB
EL8173
70
90
dB
EG
Gain Error
EL8170
RL = 100kΩ to 2.5V
-1.5
+0.3
+1.5
%
EL8173
-0.8
+0.2
+0.8
%
VOUT
Maximum Voltage Swing
Output low, 100k
Ω to 2.5V
0
4
10
mV
Output low, 1k
Ω to 2.5V
0.13
0.25
V
Output high, 100k
Ω to 2.5V
4.990
4.996
V
Output high, 1k
Ω to GND
4.75
4.88
V
SR
Slew Rate
RL = 1kΩ to GND
0.3
0.5
0.7
V/µs
EL8170, EL8173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com