Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8173FSZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL8173FSZ
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8173FSZ Datasheet(HTML) 4 Page - Intersil Corporation

  EL8173FSZ Datasheet HTML 1Page - Intersil Corporation EL8173FSZ Datasheet HTML 2Page - Intersil Corporation EL8173FSZ Datasheet HTML 3Page - Intersil Corporation EL8173FSZ Datasheet HTML 4Page - Intersil Corporation EL8173FSZ Datasheet HTML 5Page - Intersil Corporation EL8173FSZ Datasheet HTML 6Page - Intersil Corporation EL8173FSZ Datasheet HTML 7Page - Intersil Corporation EL8173FSZ Datasheet HTML 8Page - Intersil Corporation EL8173FSZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN7490.1
March 9, 2006
-3dB BW
-3dB Bandwidth
EL8170
Gain = 100V/V
192
kHz
Gain = 200
93
kHz
Gain = 500
30
kHz
Gain = 1000
13
kHz
EL8173
Gain = 10
396
kHz
Gain = 20
221
kHz
Gain = 50
69
kHz
Gain = 100
30
kHz
IS,EN
Supply Current, Enabled
40
60
78
µA
IS,DIS
Supply Current, Disabled
EN = VS+1.5
2.9
5
µA
VENH
Enable Pin for Shut-down
2
V
VENL
Enable Pin for Power-on
0.8
V
VS
Minimum Supply Voltage
2.2
2.4
V
IO
Output Current into 10
Ω to VS/2
VS = 5V
±18
±29
mA
VS = 2.9V
±4
±7.5
mA
Electrical Specifications
VS+ = +5V, VS- = GND, VCM = 1/2VS+, TA = 25°C, unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. EL8170 FREQUENCY RESPONSE vs CLOSED
LOOP GAIN
FIGURE 2. EL8173 FREQUENCY RESPONSE vs CLOSED
LOOP GAIN
G=100
G=50
G=200
G=500
G=1000
FREQUENCY (Hz)
65
60
55
50
45
40
35
30
25
20
1
10
100
1k
10k
100k
1M
VS=5V
G=5
FREQUENCY (Hz)
45
40
35
30
25
20
15
10
5
0
1
10
100
1k
10k
100k
1M
G=100
G=50
G=20
G=10
VS=5V
EL8170, EL8173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com