Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8173FSZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL8173FSZ
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8173FSZ Datasheet(HTML) 2 Page - Intersil Corporation

  EL8173FSZ Datasheet HTML 1Page - Intersil Corporation EL8173FSZ Datasheet HTML 2Page - Intersil Corporation EL8173FSZ Datasheet HTML 3Page - Intersil Corporation EL8173FSZ Datasheet HTML 4Page - Intersil Corporation EL8173FSZ Datasheet HTML 5Page - Intersil Corporation EL8173FSZ Datasheet HTML 6Page - Intersil Corporation EL8173FSZ Datasheet HTML 7Page - Intersil Corporation EL8173FSZ Datasheet HTML 8Page - Intersil Corporation EL8173FSZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN7490.1
March 9, 2006
Ordering Information
PART NUMBER
PART
MARKING
TAPE &
REEL
PACKAGE
PKG.
DWG. #
PART NUMBER
PART
MARKING
TAPE &
REEL
PACKAGE
PKG.
DWG. #
EL8170IS
8170IS
-
8 Ld SO
MDP0027
EL8173IS
8173IS
-
8 Ld SO
MDP0027
EL8170IS-T7
8170IS
7”
8 Ld SO
MDP0027
EL8173IS-T7
8173IS
7”
8 Ld SO
MDP0027
EL8170IS-T13
8170IS
13”
8 Ld SO
MDP0027
EL8173IS-T13
8173IS
13”
8 Ld SO
MDP0027
EL8170ISZ
(See Note)
8170ISZ
-
8 Ld SO
(Pb-free)
MDP0027
EL8173ISZ
(See Note)
8173ISZ
-
8 Ld SO
(Pb-free)
MDP0027
EL8170ISZ-T7
(See Note)
8170ISZ
7”
8 Ld SO
(Pb-free)
MDP0027
EL8173ISZ-T7
(See Note)
8173ISZ
7”
8 Ld SO
(Pb-free)
MDP0027
EL8170ISZ-T13
(See Note)
8170ISZ
13”
8 Ld SO
(Pb-free)
MDP0027
EL8173ISZ-T13
(See Note)
8173ISZ
13”
8 Ld SO
(Pb-free)
MDP0027
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Pin Description
EL8170/EL8173
PIN NAME
PIN FUNCTION
1ENABLE
Active Low. When pulled up above 2V, the in-amp conserves 3µA disabled supply current and
the output is in a high impedance state. An internal pull down defines the ENABLE low when
left floating.
2
IN-
Inverting (IN-) and non-inverting (IN+) high impedance input terminals.
3IN+
4
VS-
Negative supply terminal.
5
FB-
High impedance feedback terminals. The feedback terminals have a very similar equivalent
circuit as the input terminals. They also have an Input Bias Compensation/Cancelling Circuit.
The negative feedback (FB-) pin connects to an external resistive network to set the gain of
the in-amp. The positive feedback (FB+) can be used to shift the DC level of the output or as
an output offset.
8FB+
7
VS+
Positive supply terminal.
6
VOUT
Output Voltage.
EL8170, EL8173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com