Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89V51RB2BBC Datasheet(PDF) 49 Page - NXP Semiconductors

Part # P89V51RB2BBC
Description  8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V51RB2BBC Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button P89V51RB2BBC Datasheet HTML 45Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 46Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 47Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 48Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 49Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 50Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 51Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 52Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
P89V51RB2_RC2_RD2_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 12 November 2009
49 of 80
NXP Semiconductors
P89V51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
Table 37.
CMOD - PCA counter mode register (address D9H) count pulse select
CPS1
CPS0
Select PCA input
0
0
0 Internal clock, fosc / 6
0
1
1 Internal clock, fosc / 2
1
0
2 Timer 0 overflow
1
1
3 External clock at ECI/P1.2 pin (max rate = fosc / 4)
Table 38.
CCON - PCA counter control register (address 0D8H) bit allocation
Bit addressable; Reset value: 00H
Bit
7
6
5
4
3
2
1
0
Symbol
CF
CR
-
CCF4
CCF3
CCF2
CCF1
CCF0
Table 39.
CCON - PCA counter control register (address 0D8H) bit description
Bit
Symbol
Description
7
CF
PCA counter overflow flag. Set by hardware when the counter rolls
over. CF flags an interrupt if bit ECF in CMOD is set. CF may be set by
either hardware or software but can only be cleared by software.
6
CR
PCA counter run control bit. Set by software to turn the PCA counter
on. Must be cleared by software to turn the PCA counter off.
5
-
Reserved for future use. Should be set to ‘0’ by user programs.
4
CCF4
PCA Module 4 Interrupt Flag. Set by hardware when a match or
capture occurs. Must be cleared by software.
3
CCF3
PCA Module 3 Interrupt Flag. Set by hardware when a match or
capture occurs. Must be cleared by software.
2
CCF2
PCA Module 2 Interrupt Flag. Set by hardware when a match or
capture occurs. Must be cleared by software.
1
CCF1
PCA Module 1 Interrupt Flag. Set by hardware when a match or
capture occurs. Must be cleared by software.
0
CCF0
PCA Module 0 Interrupt Flag. Set by hardware when a match or
capture occurs. Must be cleared by software.
Table 40.
CCAPMn - PCA modules compare/capture register (address CCAPM0 0DAH,
CCAPM1 0DBH, CCAPM2 0DCH, CCAPM3 0DDH, CCAPM4 0DEH) bit allocation
Not bit addressable; Reset value: 00H
Bit
7
6
5
4
3
2
1
0
Symbol
-
ECOMn
CAPPn
CAPNn
MATn
TOGn
PWMn
ECCFn
Table 41.
CCAPMn - PCA modules compare/capture register (address CCAPM0 0DAH,
CCAPM1 0DBH, CCAPM2 0DCH, CCAPM3 0DDH, CCAPM4 0DEH) bit description
Bit
Symbol
Description
7
-
Reserved for future use. Should be set to ‘0’ by user programs.
6
ECOMn
Enable Comparator. ECOMn = 1 enables the comparator function.
5
CAPPn
Capture Positive, CAPPn = 1 enables positive edge capture.
4
CAPNn
Capture Negative, CAPNn = 1 enables negative edge capture.
3
MATn
Match. When MATn = 1 a match of the PCA counter with this module’s
compare/capture register causes the CCFn bit in CCON to be set,
flagging an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com