Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89V51RB2BBC Datasheet(PDF) 63 Page - NXP Semiconductors

Part # P89V51RB2BBC
Description  8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V51RB2BBC Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button P89V51RB2BBC Datasheet HTML 59Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 60Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 61Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 62Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 63Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 64Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 65Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 66Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
P89V51RB2_RC2_RD2_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 12 November 2009
63 of 80
NXP Semiconductors
P89V51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
[1]
This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
[2]
Under steady state (non-transient) conditions, IOL must be externally limited as follows:
a) Maximum IOL per 8-bit port: 26 mA
b) Maximum IOL total for all outputs: 71 mA
c) If IOL exceeds the test condition, VOH may exceed the related specification. Pins are not guaranteed to sink current greater than the
listed test conditions.
[3]
Capacitive loading on Ports 0 and 2 may cause spurious noise to be superimposed on the VOL of ALE and Ports 1 and 3. The noise due
to external bus capacitance discharging into the Port 0 and 2 pins when the pins make 1-to-0 transitions during bus operations. In the
worst cases (capacitive loading > 100 pF), the noise pulse on the ALE pin may exceed 0.8 V. In such cases, it may be desirable to
qualify ALE with a Schmitt trigger, or use an address latch with a Schmitt trigger STROBE input.
[4]
Load capacitance for Port 0, ALE and PSEN = 100 pF, load capacitance for all other outputs = 80 pF.
[5]
Capacitive loading on Ports 0 and 2 may cause the VOH on ALE and PSEN to momentarily fall below the VDD − 0.7 V specification when
the address bits are stabilizing.
[6]
Pins of Ports 1, 2 and 3 source a transition current when they are being externally driven from 1 to 0. The transition current reaches its
maximum value when VI is approximately 2 V.
[7]
Pin capacitance is characterized but not tested. EA = 25 pF (max).
VOH
HIGH-level output
voltage
VDD = 4.5 V; ports 1, 2, 3, ALE,
PSEN
[5]
IOH = −10 µAVDD − 0.3
-
-
V
IOH = −30 µAVDD − 0.7
-
-
V
IOH = −60 µAVDD − 1.5
-
-
V
VDD = 4.5 V; port 0 in External Bus
mode
IOH = −200 µAVDD − 0.3
-
-
V
IOH = −3.2 mA
VDD − 0.7
-
-
V
Vbo
brownout trip voltage
3.85
-
4.15
V
IIL
LOW-level input
current
VI = 0.4 V; ports 1, 2, 3
-
-
−75
µA
ITHL
HIGH-LOW transition
current
VI = 2 V; ports 1, 2, 3
[6] --
−650
µA
ILI
input leakage current
0.45 V < VI <VDD − 0.3 V; port 0
-
-
±10
µA
Rpd
pull-down resistance
on pin RST
40
-
225
k
Ω
Ciss
input capacitance
1 MHz; Ta =25 °C; VI =0V
[7] -
-
15
pF
IDD(oper)
operating supply
current
fosc = 12 MHz
-
-
23
mA
fosc = 40 MHz
-
-
50
mA
IDD(idle)
Idle mode supply
current
fosc = 12 MHz
-
-
20
mA
fosc = 40 MHz
-
-
42
mA
IDD(pd)
Power-down mode
supply current
minimum VDD =2V
Ta = 0 °C to +70 °C-
-
80
µA
Ta = −40 °C to +85 °C-
-
90
µA
Table 62.
Static characteristics …continued
Ta =0 °C to +70 °C or −40 °Cto+85 °C; VDD = 4.5 V to 5.5 V; VSS =0V
Symbol Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com