Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUJ105AD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUJ105AD
Description  Silicon diffused power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUJ105AD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUJ105AD Datasheet HTML 2Page - NXP Semiconductors BUJ105AD Datasheet HTML 3Page - NXP Semiconductors BUJ105AD Datasheet HTML 4Page - NXP Semiconductors BUJ105AD Datasheet HTML 5Page - NXP Semiconductors BUJ105AD Datasheet HTML 6Page - NXP Semiconductors BUJ105AD Datasheet HTML 7Page - NXP Semiconductors BUJ105AD Datasheet HTML 8Page - NXP Semiconductors BUJ105AD Datasheet HTML 9Page - NXP Semiconductors BUJ105AD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
9397 750 14196
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 14 December 2004
6 of 12
Philips Semiconductors
BUJ105AD
Silicon diffused power transistor
Fig 9.
DC current gain as a function of collector
current; typical values at VCE = 1 V
Fig 10. DC current gain as a function of collector
current; typical values at VCE = 5 V
Tj = 25 °C.
IC/IB = 4.
Fig 11. Collector-emitter saturation voltage as a
function of base current; typical values
Fig 12. Base-emitter saturation voltage as a function of
collector current; typical values
001aac045
IC (A)
10−2
10
1
10−1
10
102
hFE
1
Tj = 100 °C
25
°C
−40 °C
001aac046
IC (A)
10−2
10
1
10−1
10
102
hFE
1
Tj = 100 °C
25
°C
−40 °C
IB (A)
10−2
10
1
10−1
001aab995
0.8
1.2
0.4
1.6
2.0
VCEsat
(V)
0
IC = 1 A
2 A 3 A
4 A
IC (A)
10−1
10
1
001aac047
0.9
0.7
1.1
1.3
VBEsat
(V)
0.5
Tj = −40 °C
25
°C
100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com