Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUJ105AD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BUJ105AD
Description  Silicon diffused power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUJ105AD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BUJ105AD Datasheet HTML 4Page - NXP Semiconductors BUJ105AD Datasheet HTML 5Page - NXP Semiconductors BUJ105AD Datasheet HTML 6Page - NXP Semiconductors BUJ105AD Datasheet HTML 7Page - NXP Semiconductors BUJ105AD Datasheet HTML 8Page - NXP Semiconductors BUJ105AD Datasheet HTML 9Page - NXP Semiconductors BUJ105AD Datasheet HTML 10Page - NXP Semiconductors BUJ105AD Datasheet HTML 11Page - NXP Semiconductors BUJ105AD Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
9397 750 14196
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 14 December 2004
8 of 12
Philips Semiconductors
BUJ105AD
Silicon diffused power transistor
8.
Package outline
Fig 16. Package outline SOT428 (SC-63)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT428
SC-63
TO-252
SOT428
01-12-11
04-10-14
DIMENSIONS (mm are the original dimensions)
Plastic single-ended surface mounted package (D-PAK); 3 leads (one lead cropped)
A
2
13
E1
D2
D1
HD
L
L1
L2
e1
e
mounting
base
wA
M
b
E
b2
b1
c
A1
y
0
5
10 mm
scale
UNIT
mm
0.93
0.73
5.46
5.00
0.56
0.20
6.22
5.98
6.73
6.47
10.4
9.6
2.95
2.55
A1
2.38
2.22
Ab2
1.1
0.9
b1
e1
0.89
0.71
bc
D1
0.9
0.5
L2
Ee
2.285
4.57
4.0
D2
min
4.45
E1
min
0.5
L1
min
HD
Lw
0.2
y
max
0.2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com