Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUJ105AD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUJ105AD
Description  Silicon diffused power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUJ105AD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUJ105AD Datasheet HTML 3Page - NXP Semiconductors BUJ105AD Datasheet HTML 4Page - NXP Semiconductors BUJ105AD Datasheet HTML 5Page - NXP Semiconductors BUJ105AD Datasheet HTML 6Page - NXP Semiconductors BUJ105AD Datasheet HTML 7Page - NXP Semiconductors BUJ105AD Datasheet HTML 8Page - NXP Semiconductors BUJ105AD Datasheet HTML 9Page - NXP Semiconductors BUJ105AD Datasheet HTML 10Page - NXP Semiconductors BUJ105AD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
9397 750 14196
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 14 December 2004
7 of 12
Philips Semiconductors
BUJ105AD
Silicon diffused power transistor
7.
Package information
Epoxy meets requirements of UL94 V-0 at 1
⁄
8 inch.
IC/IB = 4.
VCEclamp < 700 V; VCC = 150 V; VBB = −5V, −3 V and
−1 V; L
B = 1 µH; LC = 200 µH.
Fig 13. Collector-emitter saturation voltage as a
function of collector current; typical values
Fig 14. Test circuit for reverse bias safe operating area
Tj < Tj(max).
Fig 15. Reverse bias safe operating area
001aac048
0.2
0.4
0.6
VCEsat
(V)
0
IC (A)
10−1
10
1
Tj = 100 °C
25
°C
−40 °C
001aab999
DUT
LC
LB
IBon
VBB
VCC
VCEclamp
probe point
VCEclamp (V)
0
800
600
200
400
001aac049
4
6
2
8
10
IC
(A)
0
VBB = −5 V
−3 V
−1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com