Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUJ103AD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BUJ103AD
Description  Silicon diffused power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUJ103AD Datasheet(HTML) 5 Page - NXP Semiconductors

  BUJ103AD Datasheet HTML 1Page - NXP Semiconductors BUJ103AD Datasheet HTML 2Page - NXP Semiconductors BUJ103AD Datasheet HTML 3Page - NXP Semiconductors BUJ103AD Datasheet HTML 4Page - NXP Semiconductors BUJ103AD Datasheet HTML 5Page - NXP Semiconductors BUJ103AD Datasheet HTML 6Page - NXP Semiconductors BUJ103AD Datasheet HTML 7Page - NXP Semiconductors BUJ103AD Datasheet HTML 8Page - NXP Semiconductors BUJ103AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
9397 750 14195
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 14 December 2004
5 of 12
Philips Semiconductors
BUJ103AD
Silicon diffused power transistor
VIM = −6 V to +8 V; VCC = 250 V; tp =20 µs;
δ =tp/T = 0.01.
RB and RL calculated from ICon and IBon
requirements.
Fig 5.
Test circuit for resistive load switching
Fig 6.
Switching times waveforms for resistive load
VCC = 300 V; VBB = −5 V; LC = 200 µH; LB = 1 µH.
Fig 7.
Test circuit for inductive load switching
Fig 8.
Switching times waveforms for inductive load
001aab989
tp
RB
VIM
0
RL
DUT
VCC
T
001aab990
IC
IB
10 %
10 %
90 %
90 %
ton
toff
tstg
tf
t
t
IBon
−IBoff
ICon
tr ≤ 30 ns
001aab991
VCC
LC
DUT
LB
IBon
VBB
001aab992
IC
IB
90 %
toff
IBon
tstg
tf
t
t
−IBoff
ICon
10 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com