Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUJ103AD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BUJ103AD
Description  Silicon diffused power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUJ103AD Datasheet(HTML) 1 Page - NXP Semiconductors

  BUJ103AD Datasheet HTML 1Page - NXP Semiconductors BUJ103AD Datasheet HTML 2Page - NXP Semiconductors BUJ103AD Datasheet HTML 3Page - NXP Semiconductors BUJ103AD Datasheet HTML 4Page - NXP Semiconductors BUJ103AD Datasheet HTML 5Page - NXP Semiconductors BUJ103AD Datasheet HTML 6Page - NXP Semiconductors BUJ103AD Datasheet HTML 7Page - NXP Semiconductors BUJ103AD Datasheet HTML 8Page - NXP Semiconductors BUJ103AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
High-voltage, high-speed planar-passivated NPN power switching transistor in a SOT428
(D-PAK) surface mounted package.
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
[1]
It is not possible to make a connection to pin 2 of the SOT428 (D-PAK) package.
BUJ103AD
Silicon diffused power transistor
Rev. 01 — 14 December 2004
Product data sheet
s Low thermal resistance
s Fast switching
s Electronic lighting ballasts
s DC-to-DC converters
s Inverters
s Motor control systems
s VCESM ≤ 700 V
s IC ≤ 4 A
s Ptot ≤ 80 W
s hFEsat = 12.5 (typ)
Table 1:
Pinning
Pin
Description
Simplified outline
Symbol
1
base
SOT428 (D-PAK)
2
collector
[1]
3
emitter
mb
mounting base; connected to collector
3
2
mb
1
sym056
2
3
1


Similar Part No. - BUJ103AD

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BUJ103AD WEEN-BUJ103AD Datasheet
830Kb / 10P
Silicon diffused power transistor
logo
NXP Semiconductors
BUJ103AD PHILIPS-BUJ103AD_15 Datasheet
158Kb / 13P
Silicon diffused power transistor
Rev. 2-8 November 2011
More results

Similar Description - BUJ103AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU1706A PHILIPS-BU1706A Datasheet
76Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.000
BU1706AB PHILIPS-BU1706AB Datasheet
83Kb / 7P
Silicon Diffused Power Transistor
February 1998 Rev 1.000
BU2506DF PHILIPS-BU2506DF Datasheet
66Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.400
BU2507AX PHILIPS-BU2507AX Datasheet
55Kb / 6P
Silicon Diffused Power Transistor
eptember 1997 Rev 1.100
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
Silicon Diffused Power Transistor
S2005A WINGS-S2005A Datasheet
95Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
Silicon Diffused Power Transistor
July 1998-Rev 1.600
BUJ100B PHILIPS-BUJ100B Datasheet
65Kb / 8P
Silicon Diffused Power Transistor
May 2001-Rev 1.000
BUJ105AD NXP-BUJ105AD Datasheet
88Kb / 12P
Silicon diffused power transistor
Rev. 01-14 December 2004
BUJ403A127 NXP-BUJ403A127 Datasheet
125Kb / 9P
Silicon Diffused Power Transistor
December 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com