Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC056 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # VSC056
Description  Enhanced Two-Wire Serial Backplane Controller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC056 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button VSC056 Datasheet HTML 3Page - Maxim Integrated Products VSC056 Datasheet HTML 4Page - Maxim Integrated Products VSC056 Datasheet HTML 5Page - Maxim Integrated Products VSC056 Datasheet HTML 6Page - Maxim Integrated Products VSC056 Datasheet HTML 7Page - Maxim Integrated Products VSC056 Datasheet HTML 8Page - Maxim Integrated Products VSC056 Datasheet HTML 9Page - Maxim Integrated Products VSC056 Datasheet HTML 10Page - Maxim Integrated Products VSC056 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 134 page
background image
7 of 134
VSC056
Data Sheet
Revision 4.1
January 2008
3.2.68
7Bh: Pulse Train Control 51 (PTC51) ............................................................................73
3.2.69
7Ch: Pulse Train Control 60 (PTC60) ............................................................................74
3.2.70
7Dh: Pulse Train Control 61 (PTC61) ............................................................................75
3.2.71
7Eh: Pulse Train Control 70 (PTC70) ............................................................................76
3.2.72
7Fh: Pulse Train Control 71 (PTC71) ............................................................................77
3.2.73
80h-87h: Bit Control Port 0 (BCP00-BCP07) .................................................................78
3.2.74
88h: Pulse Train Control 80 (PTC80) ............................................................................81
3.2.75
89h: Pulse Train Control 81 (PTC81) ............................................................................82
3.2.76
8Ch: Pulse Train Control 90 (PTC90) ............................................................................83
3.2.77
8Dh: Pulse Train Control 91 (PTC91) ............................................................................84
3.2.78
90h-97h: Bit Control Port 1 (BCP10-BCP17) .................................................................85
3.2.79
98h-9Fh: Pulse-Width Modulation Control (PWMC0-PWMC7) .....................................87
3.2.80
A0h-A7h: Bit Control Port 2 (BCP20-BCP27) ................................................................89
3.2.81
B0h-B7h: Bit Control Port 3 (BCP30-BCP37) ................................................................91
3.2.82
C0h-C7h: Bit Control Port 4 (BCP40-BCP47) ................................................................93
3.2.83
CCh: General-Purpose Timer Count 0 (GPTC0) ...........................................................95
3.2.84
CDh: General-Purpose Timer Count 1 (GPTC1) ...........................................................95
3.2.85
CEh: General-Purpose Timer Count 2 (GPTC2) ...........................................................96
3.2.86
CFh: General-Purpose Timer Enable (GPTE) ...............................................................96
3.2.87
D0h-D7h: Bit Control Port 5 (BCP50-BCP57) ................................................................97
3.2.88
E0h-E7h: Bit Control Port 6 (BCP60-BCP67) ................................................................99
3.2.89
E8h: Master Interface Clock Divider (MICD) ................................................................101
3.2.90
E9h: Master Interface Port Select (MIPS) ....................................................................102
3.2.91
EAh: Master Interface Data (MID) ...............................................................................102
3.2.92
EBh: Master Interface Command (MIC) ......................................................................103
3.2.93
ECh: Master Interface Low-Level Control (MILC) ........................................................107
3.2.94
EDh: Master Interface Status (MIS) .............................................................................107
3.2.95
EEh: Master Interface Read Data (MIRD) ...................................................................108
3.2.96
F0h-F7h: Bit Control Port 7 (BCP70-BCP77) ..............................................................108
3.2.97
F8h: Backplane Controller Interrupt Status (BCIS) ......................................................110
3.2.98
FCh: Backplane Controller Test (BCT) ........................................................................111
3.2.99
FDh: Clock Select Control (CSC) ................................................................................111
3.2.100 FEh: Clock Divider Control (CDC) ...............................................................................113
3.2.101 FFh: Backplane Controller Version (VER) ...................................................................114
4
Electrical Specifications ................................................................................. 115
4.1
DC Characteristics ....................................................................................................................115
4.1.1
General-Purpose I/O Ports ..........................................................................................115
4.1.2
Two-Wire Serial Interface ............................................................................................116
4.1.3
Address Inputs .............................................................................................................116
4.1.4
Interrupt Output ............................................................................................................117
4.1.5
Reset, Test, and Synchronization Clock Control Inputs ..............................................117
4.1.6
Device Synchronization ...............................................................................................117
4.1.7
Oscillator and Clock Input ............................................................................................118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com