Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC056 Datasheet(PDF) 95 Page - Maxim Integrated Products

Part # VSC056
Description  Enhanced Two-Wire Serial Backplane Controller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC056 Datasheet(HTML) 95 Page - Maxim Integrated Products

Back Button VSC056 Datasheet HTML 91Page - Maxim Integrated Products VSC056 Datasheet HTML 92Page - Maxim Integrated Products VSC056 Datasheet HTML 93Page - Maxim Integrated Products VSC056 Datasheet HTML 94Page - Maxim Integrated Products VSC056 Datasheet HTML 95Page - Maxim Integrated Products VSC056 Datasheet HTML 96Page - Maxim Integrated Products VSC056 Datasheet HTML 97Page - Maxim Integrated Products VSC056 Datasheet HTML 98Page - Maxim Integrated Products VSC056 Datasheet HTML 99Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 134 page
background image
95 of 134
VSC056
Data Sheet
Revision 4.1
January 2008
3.2.83 CCh: General-Purpose Timer Count 0 (GPTC0)
The following table shows the bit assignments for the General-Purpose Timer Count 0 register.
3.2.84 CDh: General-Purpose Timer Count 1 (GPTC1)
The following table shows the bit assignments for the General-Purpose Timer Count 1 register.
Register Name:
GPTC0
Address:
CCh
Reset Value:
0000_0000b
Bit
Bit Label
Access
Description
7:0
TC7-0
R/W
Timer Count
These eight bits are part of the 24-bit general-purpose timer down counter
initial count value.
Writing to this register causes the timer to update and to initiate a countdown
from the new value if the timer has been enabled in the GPTE register.
Clearing this register, along with the GPTC1 and GPTC2 registers, stops the
down counter and disables the interrupt generation logic.
After a reset or power on, these bits are cleared.
Register Name:
GPTC1
Address:
CDh
Reset Value:
0000_0000b
Bit
Bit Label
Access
Description
7:0
TC15-8
R/W
Timer Count
These eight bits are part of the 24-bit general-purpose timer down counter
initial count value.
Writing to this register causes the timer to update and to initiate a countdown
from the new value if the timer has been enabled in the GPTE register.
Clearing this register, along with the GPTC0 and GPTC2 registers, stops the
down counter and disables the interrupt generation logic.
After a reset or power on, these bits are cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com