Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT232R Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # FT232R
Description  USB UART IC - Single chip USB to asynchronous serial data transfer interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232R Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button FT232R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Copyright © 2010 Future Technology Devices International Limited
10
Document No.: FT_000053
FT232R USB UART IC Datasheet Version 2.07
Clearance No.: FTDI# 38
3.3 QFN-32 Package
Figure 3.2 QFN-32 Package Pin Out and schematic symbol
3.4 QFN-32 Package Signal Description
Pin No.
Name
Type
Description
14
USBDP
I/O
USB Data Signal Plus, incorporating internal series resistor and 1.5kΩ pull up resistor
to +3.3V.
15
USBDM
I/O
USB Data Signal Minus, incorporating internal series resistor.
Table 3.5 USB Interface Group
Pin No.
Name
Type
Description
1
VCCIO
PWR
+1.8V to +5.25V supply for the UART Interface and CBUS group pins (2, 3,
6,7,8,9,10 11, 21, 22, 30,31,32). In USB bus powered designs connect this pin to
3V3OUT to drive out at +3.3V levels, or connect to VCC to drive out at +5V CMOS
level. This pin can also be supplied with an external +1.8V to +2.8V supply in order
to drive out at lower levels. It should be noted that in this case this supply should
originate from the same source as the supply to VCC. This means that in bus
powered designs a regulator which is supplied by the +5V on the USB bus should be
used.
4, 17, 20
GND
PWR
Device ground supply pins.
FT232RQ
32
25
24
17
16
9
8
1
YYXX-A
18
9
1
2
3
4
5
6
7
8
10
11
12
13
14
15
16
17
19
20
21
22
23
24
25
26
27
28
29
30
31
32
RESET#
VCC
NC
AGND
CBUS1
CBUS0
RXD
VCCIO
RI#
GND
NC
DSR#
DCD#
CTS#
GND
GND
I
FT232RQ
A
G
N
D
G
N
D
G
N
D
G
N
D
T
E
S
T
24
4
17
20
26
3V3OUT
VCCIO
1
16
NC
RESET#
NC
23
18
13
TXD
RXD
RTS#
CTS#
DTR#
DSR#
DCD#
RI#
30
2
32
8
31
6
7
3
CBUS0
CBUS3
CBUS2
CBUS1
22
21
10
11
19
15
14
USBDP
USBDM
VCC
OSCI
27
OSCO
28
CBUS4
9
NC
12
NC
5
NC
29
NC
25
FTD
XXXXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com