Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT232R Datasheet(PDF) 29 Page - Future Technology Devices International Ltd.

Part # FT232R
Description  USB UART IC - Single chip USB to asynchronous serial data transfer interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232R Datasheet(HTML) 29 Page - Future Technology Devices International Ltd.

Back Button FT232R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 33Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
Copyright © 2010 Future Technology Devices International Limited
29
Document No.: FT_000053
FT232R USB UART IC Datasheet Version 2.07
Clearance No.: FTDI# 38
7.3 USB to RS422 Converter
FT232R
GND
GND
100nF
VCC
USBDM
USBDP
VCCIO
NC
RESET#
NC
OSCI
OSCO
3V3OUT
A
G
N
D
G
N
D
G
N
D
G
N
D
T
E
S
T
TXD
RXD
RTS#
CTS#
DTR#
DSR#
DCD#
RI#
CBUS0
CBUS1
CBUS2
CBUS3
CBUS4-
1
2
3
4
GND
SHIELD
GND
100nF
4.7uF
+
5
10nF +
Ferrite Bead
Vcc
Vcc
PWREN#
RS422 LEVEL
CONVERTER
Vcc
SP491
5
3
4
7
6
TXDM
TXDP
RXDP
RXDM
120R
10
9
11
12
SLEEP#
RS422 LEVEL
CONVERTER
SP491
3
4
7
6
Vcc
Vcc
10K
2
5
120R
11
12
9
10
RTSM
RTSP
CTSP
CTSM
GND
DB9M
SHIELD
TXDM
TXDP
RXDP
RXDM
RTSM
RTSP
CTSP
CTSM
2
Figure 7.3 USB to RS422 Converter Configuration
An example of using the FT232R as a USB to RS422 converter is shown in Figure 7.3. In this application,
two TTL to RS422 Level Converter ICs are used on the serial UART interface of the FT232R to convert the
TTL levels of the FT232R to RS422 levels. There are many suitable level converter devices available. This
example uses Sipex SP491 devices which have enables on both the transmitter and receiver. Since the
SP491 transmitter enable is active high, it is connected to a CBUS pin in SLEEP# configuration. The
SP491 receiver enable is active low and is therefore connected to a CBUS pin PWREN# configuration. This
ensures that when both the SP491 transmitters and receivers are enabled then the device is active, and
when the device is in USB suspend mode, the SP491 transmitters and receivers are disabled. If a similar
application is used, but the design is USB BUS powered, it may be necessary to use a P-Channel logic
level MOSFET (controlled by PWREN#) in the VCC line of the SP491 devices to ensure that the USB
standby current of 2.5mA is met.
The SP491 is specified to transmit and receive data at a rate of up to 5 Mbaud. In this example the
maximum data rate is limited to 3 Mbaud by the FT232R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com