Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3125AIDBZ Datasheet(PDF) 27 Page - Texas Instruments

Part # REF3125AIDBZ
Description  Contains all support circuitry needed for the ADS1174/ADS1274
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3125AIDBZ Datasheet(HTML) 27 Page - Texas Instruments

Back Button REF3125AIDBZ Datasheet HTML 23Page - Texas Instruments REF3125AIDBZ Datasheet HTML 24Page - Texas Instruments REF3125AIDBZ Datasheet HTML 25Page - Texas Instruments REF3125AIDBZ Datasheet HTML 26Page - Texas Instruments REF3125AIDBZ Datasheet HTML 27Page - Texas Instruments REF3125AIDBZ Datasheet HTML 28Page - Texas Instruments REF3125AIDBZ Datasheet HTML 29Page - Texas Instruments REF3125AIDBZ Datasheet HTML 30Page - Texas Instruments REF3125AIDBZ Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
10.1.3
Collecting Data
10.2 Troubleshooting
www.ti.com
Evaluating Performance with the ADCPro Software
The CLKDIV control can be selected to be 0 or 1. The Data Output Formats are limited to the Frame
Sync, TDM Format, but both Dynamic and Fixed Mode can be selected. Figure 30 shows the output data
format options.
Figure 30. Output Data Format
Once you have configured the ADS1274 for your test scenario, press the ADCPro Acquire button to start
the collection of the number of datapoints specified in the Test plug-in Block Size control. The
ADS1274EVM-PDK plug-in disables all the front panel controls while acquiring, and displays a progress
bar as shown in Figure 31.
Figure 31. Progress Bar While Collecting Data
For more information on testing analog-to-digital converters in general and using ADCPro and Test
plug-ins, refer to the ADCPro User Guide.
If ADCPro stops responding while the ADS1274EVM-PDK is connected, try unplugging the power supply
from the PDK. Unload and reload the plug-in before reapplying power to the PDK.
SBAU134A – August 2008 – Revised May 2009
ADS1174EVM, ADS1274EVM, ADS1174EVM-PDK, and ADS1274EVM-PDK
27
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com