Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3125AIDBZ Datasheet(PDF) 6 Page - Texas Instruments

Part # REF3125AIDBZ
Description  Contains all support circuitry needed for the ADS1174/ADS1274
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3125AIDBZ Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF3125AIDBZ Datasheet HTML 2Page - Texas Instruments REF3125AIDBZ Datasheet HTML 3Page - Texas Instruments REF3125AIDBZ Datasheet HTML 4Page - Texas Instruments REF3125AIDBZ Datasheet HTML 5Page - Texas Instruments REF3125AIDBZ Datasheet HTML 6Page - Texas Instruments REF3125AIDBZ Datasheet HTML 7Page - Texas Instruments REF3125AIDBZ Datasheet HTML 8Page - Texas Instruments REF3125AIDBZ Datasheet HTML 9Page - Texas Instruments REF3125AIDBZ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
4
Power Supplies
4.1
Bipolar Power Options
Power Supplies
www.ti.com
J3 is the power-supply input connector. Table 3 lists the configuration details for J3. Analog inputs to the
ADC can be applied directly to the device (see Section 8.1, Analog Input), bypassing the onboard
amplifiers, and in this case only +5V and +3.3V are required to power the EVM. If the amplifiers are used,
an additional bipolar supply is needed to power them. The EVM includes a switching power supply to
generate a +10V and –10V supply. For optimum noise performance, the external supplies (+VA and –VA)
should be used.
Table 3. J3 Configuration: Power-Supply Input
Pin No.
Pin Name
Function
Required
J3.1
+VA
+10V to +15V
Yes, unless onboard +10V is
used.
J3.2
–VA
–10V to –15V
Yes, unless onboard –10V is
used.
J3.3
+5VA
+5V analog supply
Always
J3.4
–5VA
–5V analog supply
No
J3.5
DGND
Digital ground input
Yes
J3.6
AGND
Analog ground input
Yes
J3.7
+1.8VD
1.8V digital supply
No
J3.8
+3.3VD
3.3V digital supply
Always
J3.9
VD1
Not used
No
J3.10
+5VD
+5V
Used to generate +10V/–10V
The 1.8V for DVDD comes from the voltage regulator U16 using 3.3V as the source voltage input.
All of the power supplies AVDD (+5V), DVDD (1.8V), and IOVDD (3.3V) have corresponding jumpers J10,
J11(AVDD), J13(DVDD) and J14(IOVDD) that can be replaced with a current meter to measure the
respective supply currents.
J15 and J16 require a jumper to select the voltage used by the onboard amplifiers. The external voltages
can range from 10V to 15V. The onboard voltage is always 10V. Table 4 and Table 5 list the options for
J15 and J16, respectively. Figure 3 shows the pinout for connectors J15 and J16.
Table 4. J15 +10V Selection
Jumper
Name
Function
1-2 (OB)
+10V
Select the +10V that is generated on the
EVM
2-3 (EXT)
+VA
Select the external +VA voltage
Table 5. J16 –10V Selection
Jumper
Name
Function
1-2
–10V
Select the –10V that is generated on the
EVM
2-3
–VA
Select the external –VA voltage
ADS1174EVM, ADS1274EVM, ADS1174EVM-PDK, and ADS1274EVM-PDK
6
SBAU134A – August 2008 – Revised May 2009
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com