Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3125AIDBZ Datasheet(PDF) 1 Page - Texas Instruments

Part # REF3125AIDBZ
Description  Contains all support circuitry needed for the ADS1174/ADS1274
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3125AIDBZ Datasheet(HTML) 1 Page - Texas Instruments

  REF3125AIDBZ Datasheet HTML 1Page - Texas Instruments REF3125AIDBZ Datasheet HTML 2Page - Texas Instruments REF3125AIDBZ Datasheet HTML 3Page - Texas Instruments REF3125AIDBZ Datasheet HTML 4Page - Texas Instruments REF3125AIDBZ Datasheet HTML 5Page - Texas Instruments REF3125AIDBZ Datasheet HTML 6Page - Texas Instruments REF3125AIDBZ Datasheet HTML 7Page - Texas Instruments REF3125AIDBZ Datasheet HTML 8Page - Texas Instruments REF3125AIDBZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
User's Guide
SBAU134A – August 2008 – Revised May 2009
ADS1174EVM, ADS1274EVM, ADS1174EVM-PDK, and
ADS1274EVM-PDK
Figure 1. ADS1274EVM (Left) and ADS1274EVM-PDK (Right)
This user's guide describes the characteristics, operation, and use of the ADS1174EVM and
ADS1274EVM, both by themselves and as part of the ADS1174EVM-PDK or ADS1274EVM-PDK. These
evaluation modules (EVMs) are evaluation boards for the ADS1274, a 24-bit multi-channel, delta-sigma
analog-to-digital converter (ADC), and the ADS1174, a 16-bit version of the ADS1274. The EVM allows
evaluation of all aspects of the ADS1174 or ADS1274 devices. Complete circuit descriptions, schematic
diagrams, and bills of material are included in this document.
The following related documents are available through the Texas Instruments web site at www.ti.com.
EVM-Compatible Device Data Sheets
Device
Literature Number
Device
Literature Number
ADS1274
SBAS367B
OPA1632
SBOS286A
ADS1174
SBAS373A
SN74LVC2G157
SCES207K
REF5025
SBOS410
TPS73018
SBVS054H
REF3125
SBVS046C
TPS65131
SLVS493B
OPA2350
SBOS099C
PCA9535
SCPS129H
ADCPro is a trademark of Texas Instruments.
Microsoft, Windows are registered trademarks of Microsoft Corporation.
SPI is a trademark of Motorola.
I2C is a trademark of NXP Semiconductors.
NI-VISA is a trademark of National Instruments.
All other trademarks are the property of their respective owners.
SBAU134A – August 2008 – Revised May 2009
ADS1174EVM, ADS1274EVM, ADS1174EVM-PDK, and ADS1274EVM-PDK
1
Submit Documentation Feedback


Similar Part No. - REF3125AIDBZ

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF3125AIDBZR BURR-BROWN-REF3125AIDBZR Datasheet
250Kb / 11P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
REF3125AIDBZR BURR-BROWN-REF3125AIDBZR Datasheet
284Kb / 13P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
logo
Texas Instruments
REF3125AIDBZR TI2-REF3125AIDBZR Datasheet
1Mb / 26P
REF31xx 15ppm/°C Maximum, 100-μA, SOT-23 Series Voltage Reference
REVISED MARCH 2016
REF3125AIDBZR.B TI2-REF3125AIDBZR.B Datasheet
1Mb / 26P
REF31xx 15ppm/°C Maximum, 100-μA, SOT-23 Series Voltage Reference
REVISED MARCH 2016
logo
Burr-Brown (TI)
REF3125AIDBZRG4 BURR-BROWN-REF3125AIDBZRG4 Datasheet
284Kb / 13P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
More results

Similar Description - REF3125AIDBZ

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EMDB65XX EMMICRO-EMDB65XX Datasheet
979Kb / 9P
This board contains the different MFP?셲
logo
Texas Instruments
ADS1146EVM TI1-ADS1146EVM Datasheet
2Mb / 27P
Contains all support circuitry needed for the ADS1146/ADS1246
July2009
ADS79XXEVM TI1-ADS79XXEVM Datasheet
1Mb / 32P
Contains all support circuitry needed
ADS1148EVM TI1-ADS1148EVM Datasheet
1Mb / 34P
Contains all support circuitry needed for the ADS1148/ADS1248
logo
Altera Corporation
DE2-115 ALTERA-DE2-115 Datasheet
8Mb / 116P
The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
logo
Texas Instruments
DAC5573EVM TI-DAC5573EVM Datasheet
323Kb / 26P
This document contains the following chapters
logo
Tyco Electronics
408-4785 MACOM-408-4785 Datasheet
97Kb / 2P
This instruction sheet contains the assembly
logo
Zilog, Inc.
Z51F0811 ZILOG-Z51F0811 Datasheet
1Mb / 52P
The Z51F0811 Evaluation Board contains the following components
logo
PHOENIX CONTACT
2702132 PHOENIX-2702132 Datasheet
128Kb / 10P
The bus coupler for the PROFIBUS has 4 digital outputs and 8 digital inputs. This package contains all the necessary Inline connectors for connecting the supply and the I/Os.
logo
Silicon Laboratories
SI1102EK SILABS-SI1102EK Datasheet
654Kb / 3P
The Si1102 Evaluation Kit contains the following items
Rev. 0.1 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com