Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF85322DA Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF85322DA
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85322DA Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF85322DA Datasheet HTML 13Page - NXP Semiconductors PCF85322DA Datasheet HTML 14Page - NXP Semiconductors PCF85322DA Datasheet HTML 15Page - NXP Semiconductors PCF85322DA Datasheet HTML 16Page - NXP Semiconductors PCF85322DA Datasheet HTML 17Page - NXP Semiconductors PCF85322DA Datasheet HTML 18Page - NXP Semiconductors PCF85322DA Datasheet HTML 19Page - NXP Semiconductors PCF85322DA Datasheet HTML 20Page - NXP Semiconductors PCF85322DA Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
PCF8532_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 10 February 2009
17 of 44
NXP Semiconductors
PCF8532
Universal LCD driver for low multiplex rates
7.12 Subaddress counter
The storage of display data is conditioned by the contents of the subaddress counter.
Storage is allowed only when the content of the subaddress counter agree with the
hardware subaddress applied to A0 and A1. The subaddress counter value is defined by
the device-select command. If the content of the subaddress counter and the hardware
subaddress do not match then data storage is inhibited but the data pointer is
incremented as if data storage had taken place. The subaddress counter is also
incremented when the data pointer overflows.
The storage arrangements described lead to extremely efficient data loading in cascaded
applications. When a series of display bytes are sent to the display RAM, automatic
wrap-over to the next PCF8532 occurs when the last RAM address is exceeded.
Subaddressing across device boundaries is successful even if the change to the next
device in the cascade occurs within a transmitted character (such as during the 54th
display data byte transmitted in 1:3 multiplex mode).
The hardware subaddress must not be changed whilst the device is being accessed on
the I2C-bus interface.
7.13 Output bank selector
The output bank selector selects one of the four bits per display RAM address for transfer
to the display register. The actual bit selected depends on the LCD drive mode in
operation and on the instant in the multiplex sequence.
• In 1:4 multiplex mode, all RAM addresses of bit 0 are selected, these are followed by
the contents of bit 1, bit 2 and then bit 3
• In 1:3 multiplex mode, bits 0, 1 and 2 are selected sequentially
• In 1:2 multiplex mode, bits 0 and 1 are selected
• In the static mode, bit 0 is selected.
The SYNC signal will reset these sequences to the following starting points:
• Bit 3 for 1:4 multiplex mode
• Bit 2 for 1:3 multiplex mode
• Bit 1 for 1:2 multiplex mode
• Bit 0 for static mode
The PCF8532 includes a RAM bank switching feature in the static and 1:2 multiplex drive
modes. In the static drive mode, the bank-select command may request the contents of
bit 2 to be selected for display instead of the contents of bit 0. In the 1:2 multiplex drive
mode, the contents of bits 2 and 3 may be selected instead of bits 0 and 1. This gives the
provision for preparing display information in an alternative bank and to be able to switch
to it once it is assembled.
7.14 Input bank selector
The input bank selector loads display data into the display RAM in accordance with the
selected LCD drive configuration. Display data can be loaded in bit 2 in static drive mode
or in bits 2 and 3 in 1:2 multiplex drive mode by using the bank-select command. The
input bank selector functions independently to the output bank selector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com