Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF85322DA Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF85322DA
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85322DA Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF85322DA Datasheet HTML 1Page - NXP Semiconductors PCF85322DA Datasheet HTML 2Page - NXP Semiconductors PCF85322DA Datasheet HTML 3Page - NXP Semiconductors PCF85322DA Datasheet HTML 4Page - NXP Semiconductors PCF85322DA Datasheet HTML 5Page - NXP Semiconductors PCF85322DA Datasheet HTML 6Page - NXP Semiconductors PCF85322DA Datasheet HTML 7Page - NXP Semiconductors PCF85322DA Datasheet HTML 8Page - NXP Semiconductors PCF85322DA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
1.
General description
The PCF8532 is a peripheral device which interfaces to almost any Liquid Crystal Display
(LCD) with low multiplex rates. It generates the drive signals for any static or multiplexed
LCD containing up to four backplanes and up to 160 segments and can easily be
cascaded for larger LCD applications. The PCF8532 is compatible with most
microprocessors or microcontrollers and communicates via a two-line bidirectional
I2C-bus. Communication overheads are minimized by a display RAM with
auto-incremental addressing, by hardware subaddressing and by display memory
switching (static and duplex drive modes).
2.
Features
I Single-chip LCD controller and driver for up to 640 elements
I Selectable backplane drive configuration: static or 2, 3 or 4 backplane multiplexing
I 160 segment drives:
N Up to 80 7-segment numeric characters
N Up to 42 14-segment alphanumeric characters
N Any graphics of up to 640 elements
I May be cascaded for large LCD applications (up to 2560 elements possible)
I 160 × 4-bit RAM for display data storage
I Software programmable frame frequency in steps of 5 Hz in the range of 60 Hz to
90 Hz
I Wide LCD supply range: from 2.5 V for low threshold LCDs and up to 8.0 V for
guest-host LCDs and high threshold (automobile) twisted nematic LCDs
I Internal LCD bias generation with voltage-follower buffers
I Selectable display bias configuration: static, 1⁄2 or 1⁄3
I Wide power supply range: from 1.8 V to 5.5 V
I LCD and logic supplies may be separated
I Low power consumption, typically: IDD = 4 µA, IDD(LCD) = 40 µA
I 400 kHz I2C-bus interface
I Auto-incremental display data loading across device subaddress boundaries
I Versatile blinking modes
I Compatible with Chip-On-Glass (COG) technology
I Display memory bank switching in static and duplex drive modes
I No external components
I Manufactured in silicon gate CMOS process
I Two sets of backplane outputs for optimal COG configurations of the application
PCF8532
Universal LCD driver for low multiplex rates
Rev. 1 — 10 February 2009
Product data sheet


Similar Part No. - PCF85322DA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8532 NXP-PCF8532 Datasheet
363Kb / 49P
Universal LCD driver for low multiplex rates
Rev. 2-10 February 2011
PCF8532U2DA1 NXP-PCF8532U2DA1 Datasheet
363Kb / 49P
Universal LCD driver for low multiplex rates
Rev. 2-10 February 2011
PCF8532 NXP-PCF8532_11 Datasheet
363Kb / 49P
Universal LCD driver for low multiplex rates
Rev. 2-10 February 2011
More results

Similar Description - PCF85322DA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8566 PHILIPS-PCF8566 Datasheet
243Kb / 40P
Universal LCD driver for low multiplex rates
1998 May 04
PCF8534A NXP-PCF8534A Datasheet
834Kb / 41P
Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
PCF8562 NXP-PCF8562 Datasheet
183Kb / 36P
Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
PCF8576D NXP-PCF8576D Datasheet
267Kb / 52P
Universal LCD driver for low multiplex rates
Rev. 1-18 February 2011
PCA85133 NXP-PCA85133 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-23 October 2009
PCF8566 NXP-PCF8566 Datasheet
247Kb / 48P
Universal LCD driver for low multiplex rates
Rev. 07-25 February 2009
PCA8576C NXP-PCA8576C Datasheet
343Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-22 July 2010
PCF85134 NXP-PCF85134 Datasheet
215Kb / 40P
Universal LCD driver for low multiplex rates
Rev. 01-17 December 2009
PCF85176 NXP-PCF85176 Datasheet
339Kb / 43P
Universal LCD driver for low multiplex rates
Rev. 01-14 April 2010
PCF8576DU NXP-PCF8576DU Datasheet
371Kb / 57P
Universal LCD driver for low multiplex rates
Rev. 14-10 June 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com