Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF85322DA Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF85322DA
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85322DA Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF85322DA Datasheet HTML 11Page - NXP Semiconductors PCF85322DA Datasheet HTML 12Page - NXP Semiconductors PCF85322DA Datasheet HTML 13Page - NXP Semiconductors PCF85322DA Datasheet HTML 14Page - NXP Semiconductors PCF85322DA Datasheet HTML 15Page - NXP Semiconductors PCF85322DA Datasheet HTML 16Page - NXP Semiconductors PCF85322DA Datasheet HTML 17Page - NXP Semiconductors PCF85322DA Datasheet HTML 18Page - NXP Semiconductors PCF85322DA Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
PCF8532_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 10 February 2009
15 of 44
NXP Semiconductors
PCF8532
Universal LCD driver for low multiplex rates
• In 1:3 multiplex mode the bits are placed in row 0, 1 and 2 to three successive
addresses, with bit 2 of the third address left unchanged. This last bit may, if
necessary, be controlled by an additional transfer to this address but care should be
taken to avoid overwriting adjacent data because always full bytes are transmitted.
• In the 1:4 multiplex mode the eight transmitted data bits are placed in
row 0, 1, 2 and 3 to two successive display RAM addresses.
7.11 Data pointer
The addressing mechanism for the display RAM is realized using the data pointer.
This allows the loading of an individual display data byte, or a series of display data bytes,
into any location of the display RAM. The sequence commences with the initialization of
the data pointer by the load-data-pointer-MSB and load-data-pointer-LSB commands.
Following this two commands, an arriving data byte is stored starting at the display RAM
address indicated by the data pointer. The filling order is shown in Figure 10.
The data pointer is automatically incremented in accordance with the chosen LCD
configuration.
The contents of the data pointer are incremented as follows:
• In static drive mode by eight
• In 1:2 multiplex drive mode by four
• In 1:3 multiplex drive mode by three
• In 1:4 multiplex drive mode by two
If the data pointer reaches 159 it is automatically wrapped around to address 0,
consequently the subaddress counter is incremented.
If an I2C-bus data access is terminated early then the state of the data pointer is unknown.
The data pointer must be re-written prior to further RAM accesses.
The display RAM bitmap shows the direct relationship between the display RAM addresses and
the segment outputs; and between the bits in a RAM word and the backplane outputs.
Fig 9.
Display RAM bitmap
0
0
1
2
3
1
2
3
4
155 156 157 158 159
display RAM addresses (columns)/segment outputs (S)
display RAM bits
(rows)/
backplane outputs
(BP)
001aah853



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com