Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF8590TH Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDF8590TH
Description  2 X 80 W SE (4 OHM) or 1 X 160 W BTL (8 OHM) class-D amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8590TH Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDF8590TH Datasheet HTML 13Page - NXP Semiconductors TDF8590TH Datasheet HTML 14Page - NXP Semiconductors TDF8590TH Datasheet HTML 15Page - NXP Semiconductors TDF8590TH Datasheet HTML 16Page - NXP Semiconductors TDF8590TH Datasheet HTML 17Page - NXP Semiconductors TDF8590TH Datasheet HTML 18Page - NXP Semiconductors TDF8590TH Datasheet HTML 19Page - NXP Semiconductors TDF8590TH Datasheet HTML 20Page - NXP Semiconductors TDF8590TH Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
TDF8590TH_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 23 April 2007
17 of 30
NXP Semiconductors
TDF8590TH
2
× 80 W SE (4 Ω) or 1 × 160 W BTL (8 Ω) class-D amplifier
12.5 Heat sink requirements
In some applications it may be necessary to connect an external heat sink to the
TDF8590TH. The thermal foldback activates on Tj = 140 °C. The expression below shows
the relationship between the maximum power dissipation before activation of the thermal
foldback and the total thermal resistance from junction to ambient:
Ω
The power dissipation is determined by the efficiency
η of the TDF8590TH. The efficiency
measured as a function of output power is given in Figure 23. The power dissipation can
be derived as function of output power (see Figure 24).
Example of a heatsink calculation for the 8
Ω BTL application with ±27 V supply:
• An audio signal with a crest factor of 10 (the ratio between peak power and average
power is 10 dB), this means that the average output power is 1/10th of the peak power
• The peak RMS output power level is 130 W (0.5 % THD level)
• The average power is 0.1
× 130 W = 13 W
• The dissipated power at an output power of 13 W is approximately 5 W
• The total Rth(j-a) = (140 − 85) / 5 = 11 K/W, if the maximum expected Tamb = 85 °C
• The total thermal resistance Rth(j-a) = Rth(j-c) + Rth(c-h) + Rth(h-a)
• Rth(j-c) = 1.1 K/W, Rth(c-h) = 0.5 K/W to 1 K/W (dependent on mounting), so Rth(h-a)
would then be: 11
− (1.1 + 1) = 8.9 K/W
12.6 Pumping effects
When the TDF8590TH is used in a SE configuration, a so-called pumping effect can
occur. During one switching interval, energy is taken from one supply (e.g. VDDA1), while a
part of that energy is delivered back to the other supply line (e.g. VSSA1) and visa versa.
When the voltage supply source cannot sink energy, the voltage across the output
capacitors of that voltage supply source will increase: the supply voltage is pumped to
higher levels. The voltage increase caused by the pumping effect depends on:
• Speaker impedance
• Supply voltage
• Audio signal frequency
• Value of decoupling capacitors on supply lines
• Source and sink currents of other channels
R
th j a
–
()
T
j
T
amb
–
P
------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com