Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF8590TH Datasheet(PDF) 24 Page - NXP Semiconductors

Part # TDF8590TH
Description  2 X 80 W SE (4 OHM) or 1 X 160 W BTL (8 OHM) class-D amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8590TH Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button TDF8590TH Datasheet HTML 20Page - NXP Semiconductors TDF8590TH Datasheet HTML 21Page - NXP Semiconductors TDF8590TH Datasheet HTML 22Page - NXP Semiconductors TDF8590TH Datasheet HTML 23Page - NXP Semiconductors TDF8590TH Datasheet HTML 24Page - NXP Semiconductors TDF8590TH Datasheet HTML 25Page - NXP Semiconductors TDF8590TH Datasheet HTML 26Page - NXP Semiconductors TDF8590TH Datasheet HTML 27Page - NXP Semiconductors TDF8590TH Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
TDF8590TH_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 23 April 2007
24 of 30
NXP Semiconductors
TDF8590TH
2
× 80 W SE (4 Ω) or 1 × 160 W BTL (8 Ω) class-D amplifier
VP = ±27 V; RL =4 Ω; RS =0 Ω; Vripple = 2 V (p-p).
(1) ripple on both supply lines, ripple in phase.
(2) ripple on both supply lines, ripple in antiphase.
(3) ripple on one supply line.
VP = ±27 V; RL =8 Ω; RS =0 Ω; Vripple = 2 V (p-p).
(1) ripple on one supply line.
(2) ripple on both supply lines, ripple in antiphase.
(3) ripple on both supply lines, ripple in phase.
a. SE application
b. BTL application
Fig 19. Supply voltage ripple rejection as a function of frequency; Operating mode
001aad855
40
60
20
80
100
SVRR
(dB)
0
f (kHz)
10−2
102
10
10−1
1
(1)
(2)
(3)
001aad858
60
50
70
80
SVRR
(dB)
40
f (kHz)
10−2
102
10
10−1
1
(1)
(2)
(3)
VI = 1 V (RMS).
(1) SE application; VP = ±27 V; RL =4 Ω.
(2) BTL application; VP = ±18 V; RL =4 Ω.
Fig 20. Mute attenuation as a function of frequency
001aad859
40
60
20
80
100
αmute
(dB)
0
f (kHz)
10−2
102
10
10−1
1
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com