Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF8590TH Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDF8590TH
Description  2 X 80 W SE (4 OHM) or 1 X 160 W BTL (8 OHM) class-D amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8590TH Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDF8590TH Datasheet HTML 14Page - NXP Semiconductors TDF8590TH Datasheet HTML 15Page - NXP Semiconductors TDF8590TH Datasheet HTML 16Page - NXP Semiconductors TDF8590TH Datasheet HTML 17Page - NXP Semiconductors TDF8590TH Datasheet HTML 18Page - NXP Semiconductors TDF8590TH Datasheet HTML 19Page - NXP Semiconductors TDF8590TH Datasheet HTML 20Page - NXP Semiconductors TDF8590TH Datasheet HTML 21Page - NXP Semiconductors TDF8590TH Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
TDF8590TH_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 23 April 2007
18 of 30
NXP Semiconductors
TDF8590TH
2
× 80 W SE (4 Ω) or 1 × 160 W BTL (8 Ω) class-D amplifier
The pumping effect should not cause a malfunction of either the audio amplifier and/or the
voltage supply source. For instance, this malfunction can be caused by triggering of the
UVP, OVP or UBP of the amplifier. Best remedy for pumping effects is to use the
TDF8590TH in a mono full-bridge application. In case of dual half-bridge application adapt
the power supply (e.g. increase supply decoupling capacitors).
12.7 Application schematics
For SE application (see Figure 10):
• A solid ground plane around the TDF8590TH is necessary to prevent emission
• 100 nF SMD capacitors must be placed as close as possible to the power supply pins
of the TDF8590TH
• The heatsink of the HSOP24 package of the TDF8590TH is connected to pin VSSD
• The external heatsink must be connected to the ground plane
• Use a thermal conductive, electrically isolating Sil-Pad between the backside of the
TDF8590TH and the external heatsink
For BTL application (see Figure 11):
• A solid ground plane around the TDF8590TH is necessary to prevent emission
• 100 nF SMD capacitors must be placed as close as possible to the power supply pins
of the TDF8590TH
• The heatsink of the HSOP24 package of the TDF8590TH is connected to pin VSSD
• The external heatsink must be connected to the ground plane
• Use a thermal conductive, electrically isolating Sil-Pad between the backside of the
TDF8590TH and the external heatsink
• The differential inputs enable the best system level audio performance with
unbalanced signal sources. In case of hum due to floating inputs connect the
shielding or source ground to the amplifier ground. The jumper J1 is open on set level
and is closed on the stand-alone demo board
• Minimum total required capacity per power supply line is 3300
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com