Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82801BA Datasheet(PDF) 14 Page - Intel Corporation

Part # 82801BA
Description  Intel 82801BA I/O Controller Hub 2 (ICH2) and Intel 82801BAM I/O Controller Hub 2 Mobile
PDF  498 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801BA Datasheet(HTML) 14 Page - Intel Corporation

Back Button 82801BA Datasheet HTML 10Page - Intel Corporation 82801BA Datasheet HTML 11Page - Intel Corporation 82801BA Datasheet HTML 12Page - Intel Corporation 82801BA Datasheet HTML 13Page - Intel Corporation 82801BA Datasheet HTML 14Page - Intel Corporation 82801BA Datasheet HTML 15Page - Intel Corporation 82801BA Datasheet HTML 16Page - Intel Corporation 82801BA Datasheet HTML 17Page - Intel Corporation 82801BA Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 498 page
background image
xiv
82801BA ICH2 and 82801BAM ICH2-M
Datasheet
9.1.18 PIRQ[n]_ROUT—PIRQ[E,F,G,H] Routing Control
(LPC I/F—D31:F0) ...........................................................................9-9
9.1.19 D31_ERR_CFG—Device 31 Error Configuration Register
(LPC I/F—D31:F0) .........................................................................9-10
9.1.20 D31_ERR_STS—Device 31 Error Status Register
(LPC I/F—D31:F0) .........................................................................9-10
9.1.21 PCI_DMA_CFG—PCI DMA Configuration (LPC I/F—D31:F0) .....9-11
9.1.22 GEN_CNTL—General Control Register (LPC I/F—D31:F0) .........9-11
9.1.23 GEN_STS—General Status (LPC I/F—D31:F0)............................9-13
9.1.24 RTC_CONF—RTC Configuration Register (LPC I/F—D31:F0).....9-14
9.1.25 COM_DEC—LPC I/F Communication Port Decode Ranges
(LPC I/F—D31:F0) .........................................................................9-14
9.1.26 FDD/LPT_DEC—LPC I/F FDD & LPT Decode Ranges
(LPC I/F—D31:F0) .........................................................................9-15
9.1.27 SND_DEC—LPC I/F Sound Decode Ranges
(LPC I/F—D31:F0) .........................................................................9-15
9.1.28 FWH_DEC_EN1—FWH Decode Enable 1 Register
(LPC I/F—D31:F0) .........................................................................9-16
9.1.29 GEN1_DEC—LPC I/F Generic Decode Range 1
(LPC I/F—D31:F0) .........................................................................9-17
9.1.30 LPC_EN—LPC I/F Enables (LPC I/F—D31:F0) ............................9-17
9.1.31 FWH_SEL1—FWH Select 1 Register (LPC I/F—D31:F0).............9-19
9.1.32 GEN2_DEC—LPC I/F Generic Decode Range 2
(LPC I/F—D31:F0) .........................................................................9-20
9.1.33 FWH_SEL2—FWH Select 2 Register (LPC I/F—D31:F0).............9-20
9.1.34 FWH_DEC_EN2—FWH Decode Enable 2 Register
(LPC I/F—D31:F0) .........................................................................9-21
9.1.35 FUNC_DIS—Function Disable Register (LPC I/F—D31:F0) .........9-22
9.2
DMA I/O Registers......................................................................................9-23
9.2.1
DMABASE_CA—DMA Base and Current Address Registers .......9-24
9.2.2
DMABASE_CC—DMA Base and Current Count Registers...........9-25
9.2.3
DMAMEM_LP—DMA Memory Low Page Registers .....................9-25
9.2.4
DMACMD—DMA Command Register ...........................................9-26
9.2.5
DMASTS—DMA Status Register...................................................9-26
9.2.6
DMA_WRSMSK—DMA Write Single Mask Register.....................9-27
9.2.7
DMACH_MODE—DMA Channel Mode Register...........................9-27
9.2.8
DMA Clear Byte Pointer Register ..................................................9-28
9.2.9
DMA Master Clear Register ...........................................................9-28
9.2.10 DMA_CLMSK—DMA Clear Mask Register ...................................9-28
9.2.11 DMA_WRMSK—DMA Write All Mask Register .............................9-29
9.3
Timer I/O Registers.....................................................................................9-30
9.3.1
TCW—Timer Control Word Register .............................................9-30
9.3.1.1
RDBK_CMD—Read Back Command ............................9-31
9.3.1.2
LTCH_CMD—Counter Latch Command ........................9-31
9.3.2
SBYTE_FMT—Interval Timer Status Byte Format Register ..........9-32
9.3.3
Counter Access Ports Register......................................................9-32
9.4
8259 Interrupt Controller (PIC) Registers ...................................................9-33
9.4.1
Interrupt Controller I/O MAP ..........................................................9-33
9.4.2
ICW1—Initialization Command Word 1 Register ...........................9-34
9.4.3
ICW2—Initialization Command Word 2 Register ...........................9-35
9.4.4
ICW3—Master Controller Initialization Command Word 3
Register .........................................................................................9-35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com