Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82801BA Datasheet(PDF) 18 Page - Intel Corporation

Part # 82801BA
Description  Intel 82801BA I/O Controller Hub 2 (ICH2) and Intel 82801BAM I/O Controller Hub 2 Mobile
PDF  498 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801BA Datasheet(HTML) 18 Page - Intel Corporation

Back Button 82801BA Datasheet HTML 14Page - Intel Corporation 82801BA Datasheet HTML 15Page - Intel Corporation 82801BA Datasheet HTML 16Page - Intel Corporation 82801BA Datasheet HTML 17Page - Intel Corporation 82801BA Datasheet HTML 18Page - Intel Corporation 82801BA Datasheet HTML 19Page - Intel Corporation 82801BA Datasheet HTML 20Page - Intel Corporation 82801BA Datasheet HTML 21Page - Intel Corporation 82801BA Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 498 page
background image
xviii
82801BA ICH2 and 82801BAM ICH2-M
Datasheet
11.2.3 USBINTR—Interrupt Enable Register..........................................11-12
11.2.4 FRNUM—Frame Number Register..............................................11-12
11.2.5 FRBASEADD—Frame List Base Address ...................................11-13
11.2.6 SOFMOD—Start of Frame Modify Register.................................11-13
11.2.7 PORTSC[0,1]—Port Status and Control Register........................11-14
12
SMBus Controller Registers (D31:F3) .....................................................................12-1
12.1
PCI Configuration Registers (SMBUS—D31:F3)........................................12-1
12.1.1 VID—Vendor Identification Register (SMBUS—D31:F3)...............12-1
12.1.2 DID—Device Identification Register (SMBUS—D31:F3) ...............12-1
12.1.3 CMD—Command Register (SMBUS—D31:F3).............................12-2
12.1.4 STA—Device Status Register (SMBUS—D31:F3) ........................12-2
12.1.5 RID—Revision ID Register (SMBUS—D31:F3).............................12-3
12.1.6 PI—Programming Interface (SMBUS—D31:F3)............................12-3
12.1.7 SCC—Sub Class Code Register (SMBUS—D31:F3)....................12-3
12.1.8 BCC—Base Class Code Register (SMBUS—D31:F3) ..................12-3
12.1.9 SMB_BASE—SMBus Base Address Register
(SMBUS—D31:F3) ........................................................................12-4
12.1.10 SVID—Subsystem Vendor ID (SMBUS—D31:F2/F4) ...................12-4
12.1.11 SID—Subsystem ID (SMBUS—D31:F2/F4) ..................................12-4
12.1.12 INTR_LN—Interrupt Line Register (SMBUS—D31:F3) .................12-4
12.1.13 INTR_PN—Interrupt Pin Register (SMBUS—D31:F3) ..................12-5
12.1.14 HOSTC—Host Configuration Register (SMBUS—D31:F3) ...........12-5
12.2
SMBus I/O Registers ..................................................................................12-6
12.2.1 HST_STS—Host Status Register ..................................................12-7
12.2.2 HST_CNT—Host Control Register ................................................12-8
12.2.3 HST_CMD—Host Command Register...........................................12-9
12.2.4 XMIT_SLVA—Transmit Slave Address Register ...........................12-9
12.2.5 HST_D0—Data 0 Register.............................................................12-9
12.2.6 HST_D1—Data 1 Register.............................................................12-9
12.2.7 BLOCK_DB—Block Data Byte Register ......................................12-10
12.2.8 RCV_SLVA—Receive Slave Address Register ...........................12-10
12.2.9 SLV_DATA—Receive Slave Data Register .................................12-10
12.2.10 SMLINK_PIN_CTL—SMLINK Pin Control Register.....................12-11
12.2.11 SMBUS_PIN_CTL—SMBus Pin Control Register .......................12-11
13
AC’97 Audio Controller Registers (D31:F5).............................................................13-1
13.1
AC’97 Audio PCI Configuration Space (D31:F5) ........................................13-1
13.1.1 VID—Vendor Identification Register (Audio—D31:F5) ..................13-1
13.1.2 DID—Device Identification Register (Audio—D31:F5)...................13-2
13.1.3 PCICMD—PCI Command Register (Audio—D31:F5) ...................13-2
13.1.4 PCISTS—PCI Device Status Register (Audio—D31:F5)...............13-3
13.1.5 RID—Revision Identification Register (Audio—D31:F5)................13-3
13.1.6 PI—Programming Interface Register (Audio—D31:F5) .................13-3
13.1.7 SCC—Sub Class Code Register (Audio—D31:F5) .......................13-4
13.1.8 BCC—Base Class Code Register (Audio—D31:F5)......................13-4
13.1.9 HEDT—Header Type Register (Audio—D31:F5) ..........................13-4
13.1.10 NAMBAR—Native Audio Mixer Base Address Register
(Audio—D31:F5) ............................................................................13-5
13.1.11 NABMBAR—Native Audio Bus Mastering Base Address
Register (Audio—D31:F5)..............................................................13-5
13.1.12 SVID—Subsystem Vendor ID Register (Audio—D31:F5)..............13-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com