Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82801BA Datasheet(PDF) 48 Page - Intel Corporation

Part # 82801BA
Description  Intel 82801BA I/O Controller Hub 2 (ICH2) and Intel 82801BAM I/O Controller Hub 2 Mobile
PDF  498 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801BA Datasheet(HTML) 48 Page - Intel Corporation

Back Button 82801BA Datasheet HTML 44Page - Intel Corporation 82801BA Datasheet HTML 45Page - Intel Corporation 82801BA Datasheet HTML 46Page - Intel Corporation 82801BA Datasheet HTML 47Page - Intel Corporation 82801BA Datasheet HTML 48Page - Intel Corporation 82801BA Datasheet HTML 49Page - Intel Corporation 82801BA Datasheet HTML 50Page - Intel Corporation 82801BA Datasheet HTML 51Page - Intel Corporation 82801BA Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 498 page
background image
Signal Description
2-12
82801BA ICH2 and 82801BAM ICH2-M Datasheet
2.17
AC’97 Link
NOTE: If the ACLINK Shutoff bit in the AC’97 Global Control Register (See Section 13.2.8) is set to 1, internal
pull-down resistors will be enabled on AC_BIT_CLK and AC_SDATA_IN[1:0]. If ACLINK Shutoff is
cleared to 0, these pull-down resistors are disabled. If there is no codec down on the system board, the
two signals AC_SDIN[1:0] should be pulled down externally with a resistor to ground.
2.18
General Purpose I/O
Table 2-17. AC’97 Link Signals
Name
Type
Description
AC_RST#
O
AC97 Reset: Master H/W reset to external Codec(s)
AC_SYNC
O
AC97 Sync: 48 KHz fixed rate sample sync to the Codec(s)
AC_BIT_CLK
I
AC97 Bit Clock: 12.288 MHz serial data clock generated by the external
Codec(s). See Note.
AC_SDOUT
O
AC97 Serial Data Out: Serial TDM data output to the Codec(s)
Note: AC_SDOUT is sampled at the rising edge of PWROK as a functional
strap. See Section 2.20.1 for more details.
AC_SDIN[1:0]
I
AC97 Serial Data In 0: Serial TDM data inputs from the Codecs. See Note.
Table 2-18. General Purpose I/O Signals
Name
Type
Description
GPIO[31:29]
O
Not implemented.
GPIO[28:27]
I/O
Can be input or output. Resume power well. Unmuxed.
GPIO[26]
I/O
Not implemented.
GPIO[25]
I/O
Can be input or output. Resume power well. Not Muxed.
GPIO[24]
(ICH2 only)
I/O
Can be input or output. Resume power well.
GPIO[23]
(ICH2 only)
O
Fixed as Output only. Main power well.
GPIO[22]
(ICH2 only)
OD
Fixed as Output only. Main power well. Open-drain output.
GPIO[21]
O
Fixed as Output only. Main power well.
GPIO[20:18]
(ICH2 only)
O
Fixed as Output only. Main power well.
GPIO[17:16]
O
Fixed as Output only. Main Power Well. Can instead be used for PC/PCI
GNT[A:B]#. GPIO[17] can also alternatively be used for PCI GNT[5]#. Integrated
pull-up resistor.
GPIO[15:14]
I
Not implemented.
GPIO[13:12]
I
Fixed as Input only. Resume Power Well. Not muxed.
GPIO[11]
I
Fixed as Input only. Resume Power Well. Can instead be used for SMBALERT#.
GPIO[10:9]
I
Not implemented.
GPIO[8]
I
Fixed as Input only. Resume Power Well. Not muxed.
GPIO[7]
I
Fixed as Input only. Main power well. Not muxed.
GPIO[6]
(ICH2 only)
I
Fixed as Input only. Main power well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com