Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T37Y Datasheet(PDF) 9 Page - STMicroelectronics

Part # M48T37Y
Description  5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T37Y Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M48T37Y Datasheet HTML 5Page - STMicroelectronics M48T37Y Datasheet HTML 6Page - STMicroelectronics M48T37Y Datasheet HTML 7Page - STMicroelectronics M48T37Y Datasheet HTML 8Page - STMicroelectronics M48T37Y Datasheet HTML 9Page - STMicroelectronics M48T37Y Datasheet HTML 10Page - STMicroelectronics M48T37Y Datasheet HTML 11Page - STMicroelectronics M48T37Y Datasheet HTML 12Page - STMicroelectronics M48T37Y Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
M48T37Y, M48T37V
Operation modes
Doc ID 7019 Rev 9
9/30
met, valid data will be available after the latter of the chip enable access time (tELQV) or
output enable access time (tGLQV).
The state of the eight three-state data I/O signals is controlled by E and G. If the outputs are
activated before tAVQV, the data lines will be driven to an indeterminate state until tAVQV.
If the address inputs are changed while E and G remain active, output data will remain valid
for output data hold time (tAXQX) but will be indeterminate until the next address access.
Figure 4.
READ mode AC waveforms
Note:
WRITE enable (W) = high.
AI00925
tAVAV
tAVQV
tAXQX
tELQV
tELQX
tEHQZ
tGLQV
tGLQX
tGHQZ
VALID
A0-A14
E
G
DQ0-DQ7
VALID
Table 3.
READ mode AC characteristics
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = 0 to 70 °C or –40 to 85 °C; VCC = 4.5 to 5.5 V or 3.0 to 3.6 V
(except where noted).
M48T37Y
M48T37V
Unit
–70
–100
Min
Max
Min
Max
tAVAV
READ cycle time
70
100
ns
tAVQV
Address valid to output valid
70
100
ns
tELQV
Chip enable low to output valid
70
100
ns
tGLQV
Output enable low to output valid
35
50
ns
tELQX
(2)
2.
CL = 5 pF.
Chip enable low to output transition
5
10
ns
tGLQX
(2)
Output enable low to output transition
5
5
ns
tEHQZ
(2)
Chip enable high to output Hi-Z
25
50
ns
tGHQZ
(2)
Output enable high to output Hi-Z
25
40
ns
tAXQX
Address transition to output transition
10
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com