Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T37Y Datasheet(PDF) 15 Page - STMicroelectronics

Part # M48T37Y
Description  5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T37Y Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M48T37Y Datasheet HTML 11Page - STMicroelectronics M48T37Y Datasheet HTML 12Page - STMicroelectronics M48T37Y Datasheet HTML 13Page - STMicroelectronics M48T37Y Datasheet HTML 14Page - STMicroelectronics M48T37Y Datasheet HTML 15Page - STMicroelectronics M48T37Y Datasheet HTML 16Page - STMicroelectronics M48T37Y Datasheet HTML 17Page - STMicroelectronics M48T37Y Datasheet HTML 18Page - STMicroelectronics M48T37Y Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
M48T37Y, M48T37V
Clock operations
Doc ID 7019 Rev 9
15/30
Figure 8.
Backup mode alarm waveforms
3.5
Calibrating the clock
The M48T37Y/V is driven by a quartz controlled oscillator with a nominal frequency of
32,768 Hz. The devices are tested not to exceed ±35 ppm (parts per million) oscillator
frequency error at 25 °C, which equates to about ±1.53 minutes per month. With the
calibration bits properly set, the accuracy of each M48T37Y/V improves to better than
+1/–2 ppm at 25 °C.
The oscillation rate of any crystal changes with temperature (see Figure 10 on page 19).
Most clock chips compensate for crystal frequency and temperature shift error with
cumbersome trim capacitors. The M48T37Y/V design, however, employs periodic counter
correction. The calibration circuit adds or subtracts counts from the oscillator divider circuit
at the divide by 256 stage, as shown in Figure 11 on page 19. The number of times pulses
are blanked (subtracted, negative calibration) or split (added, positive calibration) depends
upon the value loaded into the five-bit calibration byte found in the control register. Adding
counts speeds the clock up, subtracting counts slows the clock down.
The calibration byte occupies the five lower order bits (D4-D0) in the control register 7FF8h.
These bits can be set to represent any value between 0 and 31 in binary form. Bit D5 is the
sign bit; '1' indicates positive calibration, '0' indicates negative calibration. Calibration occurs
within a 64 minute cycle. The first 62 minutes in the cycle may, once per minute, have one
second either shortened by 128 or lengthened by 256 oscillator cycles. If a binary '1' is
loaded into the register, only the first 2 minutes in the 64 minute cycle will be modified; if a
binary 6 is loaded, the first 12 will be affected, and so on.
Therefore, each calibration step has the effect of adding 512 or subtracting 256 oscillator
cycles for every 125, 829, 120 (64 minutes x 60 seconds/minute x 32,768 cycles/second)
actual oscillator cycles, that is +4.068 or –2.034 ppm of adjustment per calibration step in
the calibration register. Assuming that the oscillator is in fact running at exactly 32,768 Hz,
each of the 31 increments in the calibration byte would represent +10.7 or –5.35 seconds
per month which corresponds to a total range of +5.5 or –2.75 minutes per month.
AI03254B
VCC
IRQ/FT
tREC
VPFD (max)
VPFD (min)
ABE, AFE bit in Interrupt Register
AF bit in Flags Register
HIGH-Z
VSO
HIGH-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com